Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21160N Datasheet(PDF) 10 Page - Texas Instruments

Part # ADSP-21160N
Description  Digital Signal Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADSP-21160N Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADSP-21160N Datasheet HTML 6Page - Texas Instruments ADSP-21160N Datasheet HTML 7Page - Texas Instruments ADSP-21160N Datasheet HTML 8Page - Texas Instruments ADSP-21160N Datasheet HTML 9Page - Texas Instruments ADSP-21160N Datasheet HTML 10Page - Texas Instruments ADSP-21160N Datasheet HTML 11Page - Texas Instruments ADSP-21160N Datasheet HTML 12Page - Texas Instruments ADSP-21160N Datasheet HTML 13Page - Texas Instruments ADSP-21160N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Rev. C
|
Page 10 of 60
|
February 2013
ADSP-21160M/ADSP-21160N
located on the web page for the associated EZ-KIT or EZ-
Extender product. The link is found in the Product Download
area of the product web page.
Middleware Packages
Analog Devices separately offers middleware add-ins such as
real time operating systems, file systems, USB stacks, and
TCP/IP stacks. For more information, see the following web
pages:
• www.analog.com/ucos3
• www.analog.com/ucfs
• www.analog.com/ucusbd
• www.analog.com/lwip
Algorithmic Modules
To speed development, Analog Devices offers add-ins that per-
form popular audio and video processing algorithms. These are
available for use with both CrossCore Embedded Studio and
VisualDSP++. For more information visit www.analog.com and
search on “Blackfin software modules” or “SHARC software
modules”.
Designing an Emulator-Compatible DSP Board (Target)
For embedded system test and debug, Analog Devices provides
a family of emulators. On each JTAG DSP, Analog Devices sup-
plies an IEEE 1149.1 JTAG Test Access Port (TAP). In-circuit
emulation is facilitated by use of this JTAG interface. The emu-
lator accesses the processor’s internal features via the
processor’s TAP, allowing the developer to load code, set break-
points, and view variables, memory, and registers. The
processor must be halted to send data and commands, but once
an operation is completed by the emulator, the DSP system is set
to run at full speed with no impact on system timing. The emu-
lators require the target board to include a header that supports
connection of the DSP’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see the EE-68: Analog Devices
JTAG Emulation Technical Reference on the Analog Devices
website (www.analog.com)—use site search on “EE-68.” This
document is updated regularly to keep pace with improvements
to emulator support.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the
ADSP-21160x architecture and functionality. For detailed infor-
mation on the Blackfin family core architecture and instruction
set, refer to the ADSP-21160 SHARC DSP Hardware Reference
and the ADSP-21160 SHARC DSP Instruction Set Reference. For
detailed information on the development tools for this proces-
sor, see the VisualDSP++ User’s Guide.
RELATED SIGNAL CHAINS
A signal chain is a series of signal conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena. For more information about
this term and related topics, see the “signal chain” entry in the
Glossary of EE Terms on the Analog Devices website.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together well. A tool for viewing relationships between
specific applications and related components is available on the
www.analog.com website.
The Circuits from the LabTM site (www.analog.com/signal
chains) provides:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques


Similar Part No. - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160N AD-ADSP-21160N Datasheet
1Mb / 53P
   DSP Microcomputer
REV. PrB
ADSP-21160N AD-ADSP-21160N Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCB-TBD AD-ADSP-21160NCB-TBD Datasheet
1Mb / 53P
   DSP Microcomputer
REV. PrB
More results

Similar Description - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com