Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76428 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS76428
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76428 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76428 Datasheet HTML 2Page - Texas Instruments TPS76428 Datasheet HTML 3Page - Texas Instruments TPS76428 Datasheet HTML 4Page - Texas Instruments TPS76428 Datasheet HTML 5Page - Texas Instruments TPS76428 Datasheet HTML 6Page - Texas Instruments TPS76428 Datasheet HTML 7Page - Texas Instruments TPS76428 Datasheet HTML 8Page - Texas Instruments TPS76428 Datasheet HTML 9Page - Texas Instruments TPS76428 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
TA – Free-Air Temperature – °C
100
10
–35
5
–15
25
125
–55
45
65
1000
85
105
TPS76425
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
VI = 6 V
CI = CO = 4.7 µF
IO = 0 mA and 150 mA
Figure 4
TA – Free-Air Temperature – °C
TPS76433
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.3
3.28
3.26
–35
5
3.31
3.29
3.27
–15
25
125
3.34
–55
45
65
3.32
3.33
85
105
IO = 150 mA
IO = 1 mA
VI = 4.3 V
Figure 5
CO = 1 µF
IO = 1 mA
VO = 3.3 V
C(BYPASS) = 0.1 µF
TA = 25°C
CO = 1 µF
IO = 150 mA
CO = 10 µF
IO = 150 mA
0.33
0
100
1.1 k
10.1 k
f – Frequency – Hz
OUTPUT NOISE
vs
FREQUENCY
3.3
100.1 k
0.033
CO = 10 µF
IO = 1 mA
Figure 6
Bypass Capacitance –
µF
10–3
10–2
10–1
OUTPUT NOISE VOLTAGE
vs
BYPASS CAPACITANCE
CO = 10 µF
IO = 150 mA
f = 10 Hz to 100 kHz
TA = 25°C
20
30
40
50
60
70
80


Similar Part No. - TPS76428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76428 TI-TPS76428 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76428 TI-TPS76428 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76428 TI1-TPS76428 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76428DBV TI-TPS76428DBV Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76428DBV TI-TPS76428DBV Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com