Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76427DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76427DBVR
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76427DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS76427DBVR Datasheet HTML 1Page - Texas Instruments TPS76427DBVR Datasheet HTML 2Page - Texas Instruments TPS76427DBVR Datasheet HTML 3Page - Texas Instruments TPS76427DBVR Datasheet HTML 4Page - Texas Instruments TPS76427DBVR Datasheet HTML 5Page - Texas Instruments TPS76427DBVR Datasheet HTML 6Page - Texas Instruments TPS76427DBVR Datasheet HTML 7Page - Texas Instruments TPS76427DBVR Datasheet HTML 8Page - Texas Instruments TPS76427DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1
VO
Output voltage
vs Free-air temperature
2, 3, 4
Vn
Output noise
vs Frequency
5
V
Output noise voltage
vs Bypass capacitance
6
Vn
Output noise voltage
vs Load current
7
Zo
Output impedance
vs Frequency
8
VDO
Dropout voltage
vs Free-air temperature
9
Ripple rejection
vs Frequency
10
Line transient response
11, 13
Load transient response
12, 14
Compensation series resistance (CSR)
vs Output current
15, 17
Compensation series resistance (CSR)
vs Added ceramic capacitance
16, 18
Figure 1
IO – Output Current – mA (Pulse Tested)
TPS76425
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.5
2.485
2.475
30
90
2.495
2.49
2.48
60
120
180
2.505
0
150
VI = 3.5 V
CI = CO = 4.7 µF
TA = 25°C
Figure 2
TA – Free-Air Temperature – °C
TPS76425
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
2.49
2.47
–35
5
2.5
2.48
–15
25
125
2.53
–55
45
65
2.51
2.52
85
105
IO = 150 mA
IO = 1 mA
VI = 3.5 V
CI = CO = 4.7 µF


Similar Part No. - TPS76427DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76427DBVR TI-TPS76427DBVR Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVR TI-TPS76427DBVR Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVR TI1-TPS76427DBVR Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVRG4 TI-TPS76427DBVRG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVRG4 TI1-TPS76427DBVRG4 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76427DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com