Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77033 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS77033
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77033 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS77033 Datasheet HTML 7Page - Texas Instruments TPS77033 Datasheet HTML 8Page - Texas Instruments TPS77033 Datasheet HTML 9Page - Texas Instruments TPS77033 Datasheet HTML 10Page - Texas Instruments TPS77033 Datasheet HTML 11Page - Texas Instruments TPS77033 Datasheet HTML 12Page - Texas Instruments TPS77033 Datasheet HTML 13Page - Texas Instruments TPS77033 Datasheet HTML 14Page - Texas Instruments TPS77033 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS770xx family of low-dropout (LDO) regulators have been optimized for use in battery-operated
equipment. They feature extremely low dropout voltages, low quiescent current (17
µA nominally), and enable
inputs to reduce supply currents to less than 1
µA when the regulators are turned off.
device operation
The TPS770xx uses a PMOS pass element to dramatically reduce both dropout voltage and supply current over
more conventional PNP-pass-element LDO designs. The PMOS pass element is a voltage-controlled device
and, unlike a PNP transistor, it does not require increased drive current as output current increases. Supply
current in the TPS770xx is essentially constant from no load to maximum load.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 350 mA; further load reduces the output
voltage instead of increasing the output current. The thermal protection shuts the regulator off if the junction
temperature rises above approximately 165
°C. Recovery is automatic when the junction temperature drops
approximately 25
°C below the high temperature trip point. The PMOS pass element includes a back gate diode
that conducts reverse current when the input voltage level drops below the output voltage level.
A voltage of 1.7 V or greater on the EN input will disable the TPS770xx internal circuitry, reducing the supply
current to 1
µA. A voltage of less than 0.9 V on the EN input will enable the TPS770xx and will enable normal
operation to resume. The EN input does not include any deliberate hysteresis, and it exhibits an actual switching
threshold of approximately 1.5 V.
A typical application circuit is shown in Figure 21.
C1
1
µF
† TPS77012,
TPS77015,
TPS77018,
TPS77025,
TPS77027,
TPS77028, TPS77030, TPS77033, TPS77050 (fixed-voltage options).
NC/FB
OUT
1
3
IN
EN
GND
2
4
5
VI
ESR = 0.2
VO
4.7
µF
+
TPS770xx†
Figure 21. Typical Application Circuit


Similar Part No. - TPS77033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77033 TI-TPS77033 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033 TI-TPS77033 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBV TI-TPS77033DBV Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVR TI-TPS77033DBVR Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS77033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com