Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79318-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS79318-Q1
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79318-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79318-Q1 Datasheet HTML 5Page - Texas Instruments TPS79318-Q1 Datasheet HTML 6Page - Texas Instruments TPS79318-Q1 Datasheet HTML 7Page - Texas Instruments TPS79318-Q1 Datasheet HTML 8Page - Texas Instruments TPS79318-Q1 Datasheet HTML 9Page - Texas Instruments TPS79318-Q1 Datasheet HTML 10Page - Texas Instruments TPS79318-Q1 Datasheet HTML 11Page - Texas Instruments TPS79318-Q1 Datasheet HTML 12Page - Texas Instruments TPS79318-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.2
IO − Output Current − A
1
Region of Instability
Region of Stability
Co = 10 µF
VI = 5.5 V
TJ = −40°C to 125°C
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.2
IO − Output Current − A
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
1
Region of Instability
Region of Stability
Co = 2.2 µF
VI = 5.5 V, VO ≥ 1.5 V
TJ = −40°C to 125°C
2
3
4
1.5
2.5
3.5
2
3
TJ = 25°C
IO = 200 mA
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
1.75
2.25
2.75
3.25
2.8
TJ = 125°C
TJ = −40°C
TPS79301-Q1, TPS79318-Q1, TPS79325-Q1
TPS79328-Q1, TPS793285-Q1, TPS79330-Q1
TPS79333-Q1, TPS793475-Q1
www.ti.com
SGLS162H – APRIL 2003 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 19.
Figure 20.
Figure 21.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS79301-Q1 TPS79318-Q1 TPS79325-Q1 TPS79328-Q1 TPS793285-Q1 TPS79330-Q1
TPS79333-Q1


Similar Part No. - TPS79318-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79318-Q1 TI-TPS79318-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79318-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com