Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77925DGKG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77925DGKG4
Description  250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77925DGKG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77925DGKG4 Datasheet HTML 2Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 3Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 4Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 5Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 6Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 9Page - Texas Instruments TPS77925DGKG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TPS77901, TPS77918, TPS77925, TPS77930
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
SLVS283D – MARCH 2000 – REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI
2.7
10
V
Output voltage range, VO
1.5
5.5
V
Output current, IO (see Note 1)
0
250
mA
Operating virtual junction temperature, TJ (see Note 1)
– 40
125
°C
† To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
NOTE 1: Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 5 V, CO = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable voltage
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
Adjustable voltage
1.5 V
≤ VO ≤ 5.5 V
0.98VO
1.02VO
1 8 V Output
TJ = 25°C,
2.8 V < VI < 10 V
1.8
VO
Output voltage
1.8 V Output
2.8 V < VI < 10 V
1.764
1.836
V
VO
g
(see Notes 2 and 4)
2 5 V Output
TJ = 25°C,
3.5 V < VI < 10 V
2.5
V
2.5 V Output
3.5 V < VI < 10 V
2.45
2.55
3 0 V Output
TJ = 25°C,
4.0 V < VI < 10 V
3.0
3.0 V Output
4.0 V < VI < 10 V
2.94
3.06
Quiescent current (GND current) (see Notes 2 and 4)
TJ = 25°C
92
µA
Quiescent current (GND current) (see Notes 2 and 4)
125
µA
Output voltage line regulation (
∆VO/VO) (see Note 3)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.005
%/V
Output voltage line regulation (
∆VO/VO) (see Note 3)
VO + 1 V < VI ≤ 10 V
0.05
%/V
Load regulation
TJ = 25°C
1
mV
Vn
Output noise voltage
TPS77918
BW = 300 Hz to 100 kHz, TJ = 25°C,
55
µVrms
Io
Output current limit
VO = 0 V
0.9
1.3
A
Peak output current
2 ms pulse width,
50% duty cycle
400
mA
Thermal shutdown junction temperature
144
°C
Standby current
EN = VI,
TJ = 25°C
1
µA
Standby current
EN = VI
3
µA
FB input current
Adjustable voltage
FB = 1.5 V
1
µA
VIH
High level enable input voltage
2
V
VIL
Low level enable input voltage
0.7
V
Enable input current
–1
1
µA
Power supply ripple rejection (TPS77318, TPS77418)
f = 1 KHz,
TJ = 25°C
55
dB
NOTES:
2. Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 10 V, minimum output
current 1 mA.
3. If VO < 1.8 V then VImax = 10 V, VImin = 2.7 V:
Line Regulation (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO > 2.5 V then VImax = 10 V, VImin = Vo + 1 V:
Line Regulation (mV)
+ % V
V
O
V
Imax *
V
O )
1
100
1000
4. IO = 1 mA to 250 mA


Similar Part No. - TPS77925DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77925DGKG4 TI1-TPS77925DGKG4 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results

Similar Description - TPS77925DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com