Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77930DGK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77930DGK
Description  250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77930DGK Datasheet(HTML) 2 Page - Texas Instruments

  TPS77930DGK Datasheet HTML 1Page - Texas Instruments TPS77930DGK Datasheet HTML 2Page - Texas Instruments TPS77930DGK Datasheet HTML 3Page - Texas Instruments TPS77930DGK Datasheet HTML 4Page - Texas Instruments TPS77930DGK Datasheet HTML 5Page - Texas Instruments TPS77930DGK Datasheet HTML 6Page - Texas Instruments TPS77930DGK Datasheet HTML 7Page - Texas Instruments TPS77930DGK Datasheet HTML 8Page - Texas Instruments TPS77930DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS77901, TPS77918, TPS77925, TPS77930
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
SLVS283D – MARCH 2000 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TPS779xx features an integrated power-on reset, commonly used as a supply voltage supervisor (SVS),
or reset output voltage. The RESET output of the TPS779xx initiates a reset in DSP, microcomputer, or
microprocessor systems at power-up and in the event of an undervoltage condition. An internal comparator in
the TPS779xx monitors the output voltage of the regulator to detect an undervoltage condition on the regulated
output voltage. When OUT reaches 95% of its regulated voltage, RESET will go to a high-impedance state after
a 220 ms delay. RESET will go to low-impedance state when OUT is pulled below 95% (i.e. over load condition)
of its regulated voltage.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
PACKAGED DEVICES
TJ
TYP
MSOP
(DGK)
SYMBOL
3.0
TPS77930DGK
AHY
2.5
TPS77925DGK
AHX
– 40
°C to 125°C
1.8
TPS77918DGK
AHW
Adjustable
1.5 V to 5.5 V
TPS77901DGK†
AHV
† The TPS77901 is programmable using an external resistor divider (see application
information). The DGK package is available taped and reeled. Add an R suffix to the device
type (e.g., TPS77901DGKR).
OUT
SENSE
6
5
3
IN
IN
EN
GND
4
7
1
VI
0.1
µF
10
µF
+
OUT
8
VO
RESET Output
RESET
2
Figure 1. Typical Application Configuration (For Fixed Output Options)


Similar Part No. - TPS77930DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77930DGK TI-TPS77930DGK Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77930DGK TI1-TPS77930DGK Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results

Similar Description - TPS77930DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com