Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77930DGKG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS77930DGKG4
Description  250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77930DGKG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77930DGKG4 Datasheet HTML 4Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 5Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 6Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 9Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 10Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 11Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS77901, TPS77918, TPS77925, TPS77930
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
SLVS283D – MARCH 2000 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
3.0
2.999
0
50
100
150
3.001
200
250
TPS77930
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
3.002
2.998
Figure 3
1.800
1.798
0
50
100
150
1.802
200
250
TPS77918
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
1.799
1.801
Figure 4
2.99
2.97
2.95
3.01
3.03
3.05
TJ – Junction Temperature – °C
TPS77930
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
–40
0
40
80
120
140
IO = 250 mA
VI = 4.3 V
Figure 5
TJ – Junction Temperature – °C
TPS77918
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.80
1.78
1.76
1.84
1.82
–40
0
40
80
120
VI = 2.8 V
140
IO = 1 mA
IO = 50 mA
1.86
IO = 250 mA


Similar Part No. - TPS77930DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77930DGK TI-TPS77930DGK Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77930DGK TI1-TPS77930DGK Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results

Similar Description - TPS77930DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com