Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77015DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS77015DBVRG4
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77015DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS77015DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS77015DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free–air temperature range, VI = VO(typ) +
1 V, IO = 50 mA, EN = 0V, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FB input current
FB = 1.224 V (TPS77001)
–1
1
µA
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.9
V
Power supply ripple rejection
f = 1 kHz,
CO = 10 µF,
TJ = 25°C,
See Note 4
60
dB
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
TPS77028
IO = 50 mA,
TJ = 25°C
60
TPS77028
IO = 50 mA
TJ = –40°C to 125°C
125
TPS77030
IO = 50 mA,
TJ = 25°C
57
Dropout voltage (see Note 6)
TPS77030
IO = 50 mA
TJ = –40°C to 125°C
115
mV
Dropout voltage (see Note 6)
TPS77033
IO = 50 mA,
TJ = 25°C
48
mV
TPS77033
IO = 50 mA
TJ = –40°C to 125°C
100
TPS77050
IO = 50 mA,
TJ = 25°C
35
TPS77050
IO = 50 mA
TJ = –40°C to 125°C
85
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO (typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 50 mA.
6. IN voltage equals VO(Typ) –100mV; TPS77001 output voltage set to 3.3 V nominal with external resistor divider. TPS77012,
TPS77015, TPS77018, TPS77025, and TPS77027 dropout voltage limited by input voltage range limitations.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2, 3
VO
Output voltage
vs Free-air temperature
4, 5, 6
Ground current
vs Free-air temperature
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Free-air temperature
10
Ripple rejection
vs Frequency
11
LDO startup time
12
Line transient response
13, 15
Load transient response
14, 16
Equivalent series resistance (ESR)
vs Output current
17, 19
Equivalent series resistance (ESR)
vs Added ceramic capacitance
18, 20


Similar Part No. - TPS77015DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77015DBVR TI-TPS77015DBVR Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS77015DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com