Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79228DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79228DBVT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79228DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79228DBVT Datasheet HTML 5Page - Texas Instruments TPS79228DBVT Datasheet HTML 6Page - Texas Instruments TPS79228DBVT Datasheet HTML 7Page - Texas Instruments TPS79228DBVT Datasheet HTML 8Page - Texas Instruments TPS79228DBVT Datasheet HTML 9Page - Texas Instruments TPS79228DBVT Datasheet HTML 10Page - Texas Instruments TPS79228DBVT Datasheet HTML 11Page - Texas Instruments TPS79228DBVT Datasheet HTML 12Page - Texas Instruments TPS79228DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS79201, TPS79225
TPS79228, TPS79230
SLVS337B – MARCH 2001 – REVISED MAY 2002
www.ti.com
9
POWER DISSIPATION AND JUNCTION TEMPERATURE
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature should be
restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation the regulator can handle
in any given application. To ensure the junction temperature is within acceptable limits, calculate the maximum allowable
dissipation, PD(max), and the actual dissipation, PD, which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RθJA
Where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package, see the dissipation rating table.
TA is the ambient temperature.
(1)
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
(2)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal protection
circuit.
PROGRAMMING THE TPS79201 ADJUSTABLE LDO REGULATOR
The output voltage of the TPS79201 adjustable regulator is programmed using an external resistor divider as shown in
Figure 23. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(3)
Where:
Vref = 1.2246 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 50-
µA divider current. Lower value resistors can be used for
improved noise performance, but the solution consumes more power. Higher resistor values should be avoided as leakage
current into/out of FB across R1/R2 creates an offset voltage that artificially increases/decreases the feedback voltage and
thus erroneously decreases/increases VO. The recommended design procedure is to choose R2 = 30.1 kΩ to set the
divider current at 50
µA, C1 = 15 pF for stability, and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(4)
In order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor be placed
between OUT and FB. For voltages <1.8 V, the value of this capacitor should be 100 pF. For voltages >1.8 V, the
approximate value of this capacitor can be calculated as:
C1
+
(3 x 10–7)x(R1
) R2)
(R1 x R2)
(5)
The suggested value of this capacitor for several resistor ratios is shown in the table below. If this capacitor is not used
(such as in a unity-gain configuration) or if an output voltage < 1.8 V is chosen, then the minimum recommended output
capacitor is 2.2
µF instead of 1 µF.


Similar Part No. - TPS79228DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79228DBVT TI-TPS79228DBVT Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79228DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com