Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77725PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77725PWPR
Description  FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77725PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77725PWPR Datasheet HTML 2Page - Texas Instruments TPS77725PWPR Datasheet HTML 3Page - Texas Instruments TPS77725PWPR Datasheet HTML 4Page - Texas Instruments TPS77725PWPR Datasheet HTML 5Page - Texas Instruments TPS77725PWPR Datasheet HTML 6Page - Texas Instruments TPS77725PWPR Datasheet HTML 7Page - Texas Instruments TPS77725PWPR Datasheet HTML 8Page - Texas Instruments TPS77725PWPR Datasheet HTML 9Page - Texas Instruments TPS77725PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)(1)
Input voltage range(2), VI
−0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
−0.3 V to 16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum RESET voltage (TPS777xx)
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum PG voltage (TPS778xx)
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (OUT, FB)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network terminal ground.
DISSIPATION RATING TABLE 1 − FREE-AIR TEMPERATURES
PACKAGE
AIR FLOW
(CFM)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
0
568 mW
5.68 mW/
°C
312 mW
227 mW
D
250
904 mW
9.04 mW/
°C
497 mW
361 mW
DISSIPATION RATING TABLE 2 − FREE-AIR TEMPERATURES
PACKAGE
AIR FLOW
(CFM)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PWP§
0
2.9 W
23.5 mW/
°C
1.9 W
1.5 W
PWP§
300
4.3 W
34.6 mW/
°C
2.8 W
2.2 W
PWP¶
0
3 W
23.8 mW/
°C
1.9 W
1.5 W
PWP¶
300
7.2 W
57.9 mW/
°C
4.6 W
3.8 W
(1) This parameter is measured with the recommended copper heat sink pattern on a 1-layer PCB, 5 in × 5 in PCB, 1 oz.
copper, 2 in
× 2 in coverage (4 in2).
(2) This parameter is measured with the recommended copper heat sink pattern on a 8-layer PCB, 1.5 in × 2 in PCB, 1 oz.
copper with layers 1, 2, 4, 5, 7, and 8 at 5% coverage (0.9 in2) and layers 3 and 6 at 100% coverage (6 in2). For more
information, refer to TI technical brief SLMA002.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(1)
2.7
10
V
Output voltage range, VO
TPS77701
1.5
5.5
V
Output voltage range, VO
TPS77801
1.2
5.5
V
Operating junction temperature, TJ
−40
125
°C
(1) Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.


Similar Part No. - TPS77725PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77725PWPR TI-TPS77725PWPR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWPR TI1-TPS77725PWPR Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77725PWPRG4 TI-TPS77725PWPRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWPRG4 TI1-TPS77725PWPRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77725PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com