Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793285DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS793285DBVRG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS793285DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS793285DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS793285DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (SOT23 PACKAGE)
2.795
2.796
2.797
2.798
2.799
2.800
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IOUT (mA)
VIN = 3.8 V
COUT = 10 µF
TJ = 25°C
0
50
100
150
200
250
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 µF
IOUT = 200 mA
2.775
2.780
2.785
2.790
2.795
2.800
2.805
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 200 mA
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 µF
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 200 mA
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
IOUT = 200 mA
VIN = 3.8 V
COUT = 10 µF
CNR = 0.1 µF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
1 k
10 k
100 k
Frequency (Hz)
VIN = 3.8 V
IOUT = 200 mA
COUT = 10 µF
CNR = 0.1 µF
CNR = 0.001 µF
CNR = 0.0047 µF
CNR = 0.01 µF
100
1 M
10
1 k
Frequency (Hz)
10 k
100 k
IOUT = 1 mA
0
0.5
1.0
1.5
2.0
2.5
0
IOUT = 100 mA
10 M
VIN = 3.8 V
COUT = 10 µF
TJ = 25° C
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35 50 65 80 95 110 125
IOUT = 200 mA
IOUT = 10 mA
VIN = 2.7 V
COUT = 10 µF
TJ (°C)
0.001
0.01
0.1
CNR (µF)
0
10
20
30
40
50
60
VOUT = 2.8 V
IOUT = 200 mA
COUT = 10 µF
BW = 100 Hz to 100 kHz
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
TPS79328
TPS79328
TPS79328
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 2.
Figure 3.
Figure 4.
TPS79328 OUTPUT SPECTRAL
TPS79328 OUTPUT SPECTRAL
TPS79328 OUTPUT SPECTRAL
NOISE DENSITY
NOISE DENSITY
NOISE DENSITY
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
Figure 7.
ROOT MEAN SQUARE OUTPUT
TPS79328
NOISE
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
CNR
FREQUENCY
JUNCTION TEMPERATURE
Figure 8.
Figure 9.
Figure 10.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS793285DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793285DBVRG4 TI-TPS793285DBVRG4 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793285DBVRG4 TI1-TPS793285DBVRG4 Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS793285DBVRG4 TI1-TPS793285DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793285DBVRG4 TI1-TPS793285DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
More results

Similar Description - TPS793285DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79328YZQR TI1-TPS79328YZQR Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com