Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA105C153KAR Datasheet(PDF) 5 Page - AVX Corporation

Part # SA105C153KAR
Description  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA105C153KAR Datasheet(HTML) 5 Page - AVX Corporation

  SA105C153KAR Datasheet HTML 1Page - AVX Corporation SA105C153KAR Datasheet HTML 2Page - AVX Corporation SA105C153KAR Datasheet HTML 3Page - AVX Corporation SA105C153KAR Datasheet HTML 4Page - AVX Corporation SA105C153KAR Datasheet HTML 5Page - AVX Corporation SA105C153KAR Datasheet HTML 6Page - AVX Corporation SA105C153KAR Datasheet HTML 7Page - AVX Corporation SA105C153KAR Datasheet HTML 8Page - AVX Corporation SA105C153KAR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
4
The Capacitor
CERAMIC
LAYER
ELECTRODE
TERMINATE
EDGE
TERMINATE
EDGE
END
TERMINATIONS
ELECTRODES
MARGIN
basic characteristics into more easily specified classes. The
basic industry specification for ceramic capacitors is EIA spec-
ification RS-198 and as noted in the general section
it specifies temperature compensating capacitors as Class 1
capacitors. These are specified by the military under specifica-
tion MIL-PRF-20. General purpose capacitors with non-linear
temperature coefficients are called Class 2 capacitors by EIA
and are specified by the military under MIL-C-11015 and MIL-
PRF-39014. The new high reliability military specification, MIL-
PRF-123 covers both Class 1 and Class 2 dielectrics.
Class 1 – Class 1 capacitors or temperature compensating
capacitors are usually made from mixtures of titanates where
barium titanate is normally not a major part of the mix. They
have
predictable
temperature
coefficients
and
in general, do not have an aging characteristic. Thus they are
the
most
stable
capacitor
available.
Normally
the
T.C.s of Class 1 temperature compensating capacitors are
C0G (NP0) (negative-positive 0 ppm/°C). Class 1 extended
temperature compensating capacitors are also manufactured
in T.C.s from P100 through N2200.
Class 2 – General purpose ceramic capacitors are called
Class 2 capacitors and have become extremely popular
because of the high capacitance values available in very small
size. Class 2 capacitors are “ferro electric” and vary in capac-
itance value under the influence of the environmental and elec-
trical
operating
conditions.
Class
2
capacitors
are affected by temperature, voltage (both AC and DC),
frequency and time. Temperature effects for Class 2
ceramic capacitors are exhibited as non-linear capacitance
changes with temperature.
Figure 1
EIA Temperature Compensating Ceramic temperature
characteristics in accordance with EIA-198.


Similar Part No. - SA105C153KAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA105C153KAR AVX-SA105C153KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C153KAR AVX-SA105C153KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA105C153KAR AVX-SA105C153KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C153KAR AVX-SA105C153KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA105C153KAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com