Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF14-1575F5UU01 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # SF14-1575F5UU01
Description  GPS RF SAW Filter SF14 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SF14-1575F5UU01 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  SF14-1575F5UU01 Datasheet HTML 1Page - Kyocera Kinseki Corpotation SF14-1575F5UU01 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Parts No.: SF14-1575M5UB01
Parts No.: SF14-1575M5UB02
Parts No.: SF14-1575F5UU01
Parts No.: SF14-1575F5UU03
Parts No.: SF14-1575F5UU04
Parts No.: SF14-1575F5UU19
100
50
0
1375.42
1575.42
1775.42
Frequency [MHz]
Recommended Reflow Profile
Taping Dimensions
(Unit: mm)
Part
A
B
D
E
F
Dimension
1.4
±0.1
1.7
±0.1
8.0
±0.2
3.5
±0.05
1.75
±0.1
Part
G
H
J
K
L
Dimension
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
±0.1
0.5
±0.05
Part
R
W
T
Dimension
0.3 max.
0.8
±0.1
0.2
±0.05
GPS RF SAW Filter
SF14 Series


Similar Part No. - SF14-1575F5UU01

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF14-B RECTRON-SF14-B Datasheet
422Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF14-T RECTRON-SF14-T Datasheet
422Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF14-T3 WTE-SF14-T3 Datasheet
46Kb / 3P
   1.0A SUPER-FAST RECTIFIER
SF14-T3 WTE-SF14-T3 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
SF14-TB WTE-SF14-TB Datasheet
46Kb / 3P
   1.0A SUPER-FAST RECTIFIER
More results

Similar Description - SF14-1575F5UU01

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
   GPS, RF SAW Filter
Revision 0: June 2005
TA1575PM TRANSKO-TA1575PM Datasheet
426Kb / 4P
   GPS, RF SAW Filter
Revision 0: November 2008
TA1575SQ4 TRANSKO-TA1575SQ4 Datasheet
404Kb / 4P
   GPS RF SAW Filter
Revision 0: July 2012
logo
Oscilent Corporation
801-RF1575.42M-D OSCILENT-801-RF1575.42M-D Datasheet
370Kb / 3P
   GPS, RF SAW Filter
logo
EPCOS
B4300 EPCOS-B4300 Datasheet
72Kb / 7P
   SAW RF filter GPS
logo
Transko Electronics, In...
TA1575DJ TRANSKO-TA1575DJ Datasheet
439Kb / 4P
   GPS, RF SAW Filter
Revision 0: May 2005
TA1575GL TRANSKO-TA1575GL Datasheet
396Kb / 4P
   GPS, RF SAW Filter
Revision 0:
TA1575KM1 TRANSKO-TA1575KM1 Datasheet
273Kb / 3P
   GPS RF SAW Filter
Revision 0: March 2007
TA1575SQ3 TRANSKO-TA1575SQ3 Datasheet
402Kb / 4P
   GPS RF SAW Filter
Revision 0: December 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com