Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8152FVM Datasheet(PDF) 10 Page - Rohm

Part # BD8152FVM
Description  High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8152FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD8152FVM Datasheet HTML 6Page - Rohm BD8152FVM Datasheet HTML 7Page - Rohm BD8152FVM Datasheet HTML 8Page - Rohm BD8152FVM Datasheet HTML 9Page - Rohm BD8152FVM Datasheet HTML 10Page - Rohm BD8152FVM Datasheet HTML 11Page - Rohm BD8152FVM Datasheet HTML 12Page - Rohm BD8152FVM Datasheet HTML 13Page - Rohm BD8152FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BD8152FVM, BD8158FVM
Technical Note
10/17
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
(9)Setting RC, CC of the phase compensation circuit
In the current mode control, since the coil current is controlled, a pole (phase lag) made by the CR filter composed of the
output capacitor and load resistor will be created in the low frequency range, and a zero (phase lead) by the output
capacitor and ESR of capacitor will be created in the high frequency range. In this case, to cancel the pole of the power
amplifier, it is easy to compensate by adding the zero point with CC and RC to the output from the error amp as shown in
the illustration.
Open loop gain
Pole at the power amplification stage
When the output current reduces, the load resistance
Ro increases and the pole frequency lowers.
Error amp phase compensation
Zero at the power amplification stage
When the output capacitor is set larger, the pole
frequency lowers but the zero frequency will not
change. (This is because the capacitor ESR
becomes 1/2 when the capacitor becomes 2 times.)
It is possible to realize the stable feedback loop by canceling the pole fp (Min.), which is created by the output capacitor
and load resistor, with CR zero compensation of the error amp as shown below.
fz (Amp.) = fp (Min.)
1
=
1
2
Rc
Cc
2
Romax
Co
As the setting range for the resistor, 1 k
to 10 k
is recommended. When the resistor is set to 1 k
or lower, the effect
by phase compensation becomes low and it may cause the oscillation of output voltage. When it is set to 10 k
or larger,
the COMP pin becomes Hi-Z and the switching noise becomes easy to superpose. Therefore the stable switching pulse
cannot be generated and the irregular ripple voltage may be generated on the output voltage.
As the setting range for the capacitance, 3,300 pF to 10,000 pF is recommended. When the capacitance is set to 3,300 pF
or lower, the irregular ripple voltage may be generated on the output voltage due to the effect of switching noise. When it is
set to 10,000 pF or larger, the response becomes worse and the output voltage fluctuation becomes large. Accordingly it
may require the output capacitor which is larger than the necessary value.
fp =
1
2
RO
CO
fz (ESR) =
1
2
ESR
CO
fp (Min) =
1
[Hz]
At light-load
2
ROMax
CO
fz (Max) =
1
[Hz]
At heavy-load
2
ROMin
CO
fp (Am p.) =
1
2
Rc
Cc
fp(Min)
fp(Max)
fz(ESR)
A
0
-90
0
Gain
dB
Phase
deg
lOUTMin
lOUTMax
0
0
A
-90
Gain
dB
Phase
deg
VCC
Rc
Cc
Cin
Vcc,PVcc
GND,PGND
SW
COMP
Co
ESR
Ro
Vo
L
Fig. 28 Gain vs Phase
Fig. 29 Application Circuit Diagram
[Hz]
[Hz]
[Hz]
[Hz]


Similar Part No. - BD8152FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM-E2 ROHM-BD8152FVM-E2 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM-TR ROHM-BD8152FVM-TR Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
More results

Similar Description - BD8152FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8305MUV ROHM-BD8305MUV Datasheet
431Kb / 16P
   High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com