Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302MR16 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TS68302MR16
Description  Integrated Multiprotocol Processor IMP
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302MR16 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TS68302MR16 Datasheet HTML 2Page - ATMEL Corporation TS68302MR16 Datasheet HTML 3Page - ATMEL Corporation TS68302MR16 Datasheet HTML 4Page - ATMEL Corporation TS68302MR16 Datasheet HTML 5Page - ATMEL Corporation TS68302MR16 Datasheet HTML 6Page - ATMEL Corporation TS68302MR16 Datasheet HTML 7Page - ATMEL Corporation TS68302MR16 Datasheet HTML 8Page - ATMEL Corporation TS68302MR16 Datasheet HTML 9Page - ATMEL Corporation TS68302MR16 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
TS68302
2117A–HIREL–11/02
Signal Descriptions
The input and output signals of the TS68302 are organized into functional groups as
shown in Table 1. Refer to TS68302 Integrated Multiprotocol Processor User’s Manual,
for detailed information on the TS68302 signals.
Scope
This drawing describes the specific requirements for the processor TS68302, 16.67
MHz, in compliance either with MIL-STD-883 class B or with Atmel standards.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-M-38535: general specifications for microcircuits.
3.
Desc Drawing: 5962-93159 (planned).
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Table 1. Signal Definitions
Functional Group
Signals
Number
Clocks
XTAL, EXTAL, CLKO
3
System Control
RESET, HALT, BERR, BUSW, DISCPU
5
Address Bus
A23-A1
23
Data Bus
D15-D0
16
Bus Control
AS, R/W, UDS/A0, LDS/DS, DTACK
5
Bus Control
RMC, IAC, BCLR
3
Bus Arbitration
BR, BG, BGACK
3
Interrupt Control
IPL2-IPL0, FC2-FC0, AVEC
7
NMSI1/ISDN I/F
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, BRG1
8
NMSI2/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, SDS2
8
NMSI3/SCP/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, PA12
8
IDMA/PAIO
DREQ, DACK, DONE
3
IACK/PBIO
IACK7, IACK6, IACK1
3
Timer/PBIO
TIN2, TIN1, TOUT2, TOUT1, WDOG
5
PBIO
PB11-PB8
4
Chip Select
CS3-CS0
4
Testing
FRZ (2 Spare)
3
V
DD
Power supply
8
GND
Ground connection
13


Similar Part No. - TS68302MR16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Similar Description - TS68302MR16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com