Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-602MA2 Datasheet(PDF) 3 Page - Rohm

Part # LB-602MA2
Description  Double Digits LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-602MA2 Datasheet(HTML) 3 Page - Rohm

  LB-602MA2 Datasheet HTML 1Page - Rohm LB-602MA2 Datasheet HTML 2Page - Rohm LB-602MA2 Datasheet HTML 3Page - Rohm LB-602MA2 Datasheet HTML 4Page - Rohm LB-602MA2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB-602 A / K2 Series
LED displays
Rev.B
3/4
Electrical and optical characteristic curves
Fig.1 Forward Current - Forward Voltage
LB-602MA2
LB-602MK2
LB-602VA2
LB-602VK2
LB-602BA2
LB-602BK2
LB-602XA2
LB-602XK2
1
2
3
4
5
Forward Voltage:VF(V)
Ta=25
°C
0.1
100
1
10
LB-602EA2
LB-602EK2
LB-602AA2
LB-602AK2
LB-602XA2
LB-602XK2
Fig.2 Relative Luminous Intensity - Forward Current
0.01
0.10
1.00
10.00
1
10
100
Forward Current:IF(mA)
LB-602BA2
LB-602BK2
LB-602XA2
LB-602XK2
LB-602EA2
LB-602EK2
LB-602AA2
LB-602AK2
LB-602MA2
LB-602MK2
LB-602VA2
LB-602VK2
LB-602XA2
LB-602XK2
Ta=25
°C
Fig.3 Relative Luminous Intensity - Case Temperature
0.4
0.6
1.2
1.4
1.6
Case Temparature (
°C)
IF=10mA
-25 -15 -5
5
15
25 35 45 55 65
75
0.8
1
LB-602MA2
LB-602MK2
LB-602VA2
LB-602VK2
LB-602BA2
LB-602BK2
LB-602XA2
LB-602XK2
LB-602XA2
LB-602XK2
LB-602EA2
LB-602EK2
LB-602AA2
LB-602AK2
Fig.4 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
Ι )
1
10
1
10
100
1000
10000
5
Pulse Duration tw(µs)
LB-602BA2
LB-602BK2
Fig.5 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙ )
1
10
1
10
100
1000
10000
Pulse Duration : Tw (µs)
LB-602XA2
LB-602XK2
LB-602EA2
LB-602EK2
LB-602AA2
LB-602AK2
LB-602XA2
LB-602XK2
Fig.6 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙΙ )
LB-602MA2
LB-602MK2
LB-602VA2
LB-602VK2
1
10
100
1000
10000
100000
Pulse Duration : tw(µs)
1
10


Similar Part No. - LB-602MA2

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-602MA2 ROHM-LB-602MA2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-602MA2 ROHM-LB-602MA2 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LB-602MA2 ROHM-LB-602MA2 Datasheet
97Kb / 5P
   Double Digits LED Numeric Display
More results

Similar Description - LB-602MA2

ManufacturerPart #DatasheetDescription
logo
Rohm
LBP-602AK2 ROHM-LBP-602AK2_10 Datasheet
180Kb / 4P
   Double Digits LED Numeric Display
LB-602 ROHM-LB-602_1 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2 Datasheet
82Kb / 3P
   Double Digits LED Numeric Display
LB-602A ROHM-LB-602A_08 Datasheet
97Kb / 5P
   Double Digits LED Numeric Display
LBP-602AK2 ROHM-LBP-602AK2_17 Datasheet
396Kb / 5P
   Double Digits High Brightness, LED Numeric Display
logo
Ningbo Foryard Optoelec...
FYD-5021MX-00 FORYARD-FYD-5021MX-00 Datasheet
343Kb / 5P
   0.50Inch (12.70mm) digit height Double Digits Display
FYD-5421AX-00 FORYARD-FYD-5421AX-00 Datasheet
405Kb / 5P
   0.54Inch (13.60mm) digit height Double Digits Display
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com