Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW06039K09BEEA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TNPW06039K09BEEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW06039K09BEEA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TNPW06039K09BEEA Datasheet HTML 2Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 3Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 4Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 5Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 6Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 7Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 8Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 9Page - Vishay Siliconix TNPW06039K09BEEA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 27-Jun-12
341
TNPW e3
High Stability Thin Film Flat Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
90
80
70
60
50
40
30
20
10
0
Temperature Rise
0
0.1
0.2
0.3
0.4
0.5
Power in W
0.6
0.7
0402 0603 0805
1206
1210
2010
2512
Derating
120
100
80
60
40
20
0
- 55
- 25
0
25
50
75
100
125
150 175
Ambient Temperature in °C
70
EN
3K
1K
100
10
10R
100R
1K
10K
100K
TNPW0805
e3
TNPW0603
e3
Single-Pulse High Voltage Overload
Test 1.2/50 µs EN140000 4.27
Resistance Value
in
Ω
3K
1K
100
10
10R
100R
1K
10K
100K
Single-Pulse High Voltage Overload
Test 10/700 µs EN140000 4.27
Resistance Value
in
Ω
TNPW0805 e3
TNPW0603 e3
100 W
10 W
1 W
0.1 W
10 µs
Pulse Duration
t
i
100 µs
1 ms
10 ms
100 ms
1 s
10 s
Maximum pulse load
Pi, max.
for single pulses
TNPW1206 e3
TNPW0805 e3
TNPW0603 e3
Conditions:
P
0, n
≤ 1000 and U
i ≤ Ui, max.
100 W
10 W
1 W
0.1 W
10 µs
100 µs
1 ms
10 ms
100 ms
1 s
10 s
Pulse Duration
t
i
TNPW1206 e3
TNPW0805 e3
TNPW0603 e3
Conditions:
P
max. ≤ Pmax. (including derating)
and U
i ≤ Ui, max.
Maximum pulse load
Pi, max.
for continuous pulses


Similar Part No. - TNPW06039K09BEEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0603 VISHAY-TNPW0603 Datasheet
85Kb / 4P
   Thin Film, Rectangular, Resistor Chips
Revision: 2 4-Jan-14
TNPW0603 VISHAY-TNPW0603 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0603 VISHAY-TNPW0603 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0603 VISHAY-TNPW0603 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0603 VISHAY-TNPW0603 Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW06039K09BEEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com