Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C452CJ68 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C452CJ68
Description  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452CJ68 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C452CJ68 Datasheet HTML 6Page - Exar Corporation ST16C452CJ68 Datasheet HTML 7Page - Exar Corporation ST16C452CJ68 Datasheet HTML 8Page - Exar Corporation ST16C452CJ68 Datasheet HTML 9Page - Exar Corporation ST16C452CJ68 Datasheet HTML 10Page - Exar Corporation ST16C452CJ68 Datasheet HTML 11Page - Exar Corporation ST16C452CJ68 Datasheet HTML 12Page - Exar Corporation ST16C452CJ68 Datasheet HTML 13Page - Exar Corporation ST16C452CJ68 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
ST16C452/452PS
Rev. 3.20
The generator divides the input 16X clock by any divisor
from 1 to 216 -1. The 452/452PS divides the basic
external clock by 16. The basic 16X clock provides table
rates to support standard and custom applications
using the same system design. The rate table is
configured via the DLL and DLM internal register func-
tions. Customized Baud Rates can be achieved by
selecting the proper divisor values for the MSB and LSB
sections of baud rate generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 5 below, shows the selectable baud rate table
available when using a 1.8432 MHz external clock
input.
Table 5, BAUD RATE GENERATOR PROGRAMMING TABLE (1.8432 MHz CLOCK):
Output
Output
User
DLM
DLL
Baud Rate
16 x Clock
16 x Clock
Program
Program
Divisor
Divisor
Value
Value
(Decimal)
(HEX)
(HEX)
(HEX)
50
2304
900
09
00
110
1047
417
04
17
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2k
6
06
00
06
38.4k
3
03
00
03
57.6k
2
02
00
02
115.2k
1
01
00
01
Loop-back Mode
The internal loop-back capability allows onboard diag-
nostics. In the loop-back mode the normal modem
interface pins are disconnected and reconfigured for
loop-back internally. MCR register bits 0-3 are used
for controlling loop-back diagnostic testing. In the
loop-back mode INT enable and MCR bit-2 in the MCR
register (bits 2,3) control the modem -RI and -CD
inputs respectively. MCR signals -DTR and -RTS (bits
0-1) are used to control the modem -CTS and -DSR
inputs respectively. The transmitter output (TX) and
the receiver input (RX) are disconnected from their
associated interface pins, and instead are connected
together internally (See Figure 6). The -CTS, -DSR, -
CD, and -RI are disconnected from their normal
modem control inputs pins, and instead are connected
internally to -DTR, -RTS, INT enable and MCR bit-2.
Loop-back test data is entered into the transmit hold-
ing register via the user data bus interface, D0-D7.
The transmit UART serializes the data and passes the
serial data to the receive UART via the internal loop-
back connection. The receive UART converts the
serial data back into parallel data that is then made


Similar Part No. - ST16C452CJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Similar Description - ST16C452CJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com