Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C452IJ68 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C452IJ68
Description  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452IJ68 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C452IJ68 Datasheet HTML 3Page - Exar Corporation ST16C452IJ68 Datasheet HTML 4Page - Exar Corporation ST16C452IJ68 Datasheet HTML 5Page - Exar Corporation ST16C452IJ68 Datasheet HTML 6Page - Exar Corporation ST16C452IJ68 Datasheet HTML 7Page - Exar Corporation ST16C452IJ68 Datasheet HTML 8Page - Exar Corporation ST16C452IJ68 Datasheet HTML 9Page - Exar Corporation ST16C452IJ68 Datasheet HTML 10Page - Exar Corporation ST16C452IJ68 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
ST16C452/452PS
Rev. 3.20
Symbol
Pin
Signal Type
Pin Description
individual UART channels, A through B. A logic 0 on this pin(s)
indicates the modem has received a ringing signal from the
telephone line(s). A logic 1 transition on this input pin will
generate an interrupt for the ringing channel(s). This pin does
not have any effect on the transmit or receive operation.
-RTS A/B
24,12
O
Request to Send (active low) - These outputs are associated
with individual UART channels, A through B. A logic 0 on the
-RTS pin(s) indicates the transmitter has data ready and
waiting to send for the given channel(s). Writing a logic 1 in
the modem control register (MCR bit-1) will set this pin to a
logic 0 indicating data is available. After a reset this pin will
be set to a logic 1. This pin does not have any effect on the
transmit or receive operation.
RX A/B
41,62
I
Receive Data Input, RX A-B. - These inputs are associated
with individual serial channel(s) to the 452. The RX signal
will be a logic 1 during reset, idle (no data), or when the
transmitter is disabled. During the local loop-back mode,
the RX input pins are disabled and TX data is internally
connected to the UART RX Inputs, internally.
TX A/B
26,10
O
Transmit Data, TX A-B - These outputs are associated with
individual serial transmit channel(s) from the 452/452PS.
The TX signal will be a logic 1 during reset, idle (no data),
or when the transmitter is disabled. During the local loop-
back mode, the TX output pins are disabled and TX data is
internally connected to the UART RX Inputs.
SYMBOL DESCRIPTION


Similar Part No. - ST16C452IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452IJ68 EXAR-ST16C452IJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68PS EXAR-ST16C452IJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Similar Description - ST16C452IJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com