Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELONGNOSE Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ELONGNOSE
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ELONGNOSE Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ELONGNOSE Datasheet HTML 6Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 7Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 8Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 9Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 10Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 11Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 12Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 13Page - List of Unclassifed Manufacturers ELONGNOSE Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
10
CURVED NOSE & PUMP PLIERS
PUMP PLIERS
Manufactured with a secure tongue and groove
design for a non-slip grip (even under heavy
pressure).
The jaws provide a wide range of openings with a
smooth, positive interlock between halves. Handles
are plastic coated,but are not insulated and do not
protect against electric shock.
JIC-5026
JIC-3385
JIC-3026
CURVED LONG NOSE PLIER
Nose is bent 70° for maximum visibility. Used in confined
areas. Design includes knurled jaws for sure wrapping and
looping. Comfortable ergonomic yellow plastic handles.
CURVED NEEDLE NOSE PLIER
Nose is bent 60° for maximum visibility. Used in confined areas
for bending and forming fine wire. Inside jaws and jaw edges
are polished to prevent nicking the wire. Plier has a spring
loaded ergonomic design. With a dark blue plastic handle.
JONARD
MAX. JAW
NUMBER
PART NO.
LENGTH
OPENING
POSITIONS
JIC-5026
6”
1”
4
JIC-20210
10”
1 3/4”
6
JIC-50212
12”
2 1/4”
7
JIC-50210
JIC-50212
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-3026
6 7/8”
2”
11/16”
3/8”
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-3385
5 1/2”
1 1/2”
1/2”
1/4”
All Jonard Industries Pliers
come with a LIFETIME
WARRANTY. For complete
details see our website
www.jonard.com


Similar Description - ELONGNOSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
RFM219SW ETC2-RFM219SW Datasheet
909Kb / 35P
   Wireless Alarm and Security Systems
logo
Texas Instruments
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
[Old version datasheet]   Wireless alarm and security systems, Industrial monitoring and control
logo
RFHIC
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
   Low Noise Amplifier for CATV, Satellite
ACQ102 RFHIC-ACQ102 Datasheet
576Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE312 RFHIC-AE312_14 Datasheet
606Kb / 6P
   Low Noise Amplifier for CATV, Satellite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com