Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68020DESC04YA Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS68020DESC04YA
Description  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020DESC04YA Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68020DESC04YA Datasheet HTML 1Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 2Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 3Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 4Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 5Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 6Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 7Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 8Page - ATMEL Corporation TS68020DESC04YA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
TS68020
2115A–HIREL–07/02
Introduction
The TS68020 is a high-performance 32-bit microprocessor. It is the first microprocessor
to have evolved from a 16-bit machine to a full 32-bit machine that provides 32-bit
address and data buses as well as 32-bit internal structures. Many techniques were uti-
lized to improve performance and at the same time maintain compatibility with other
processors of the TS68000 Family. Among the improvements are new addressing
modes which better support high-level language structures, an expanded instruction set
which provides 32-bit operations for the limited cases not supported by the TS68000
and several new instructions which support new data types. For special-purpose appli-
cations when a general-purpose processor alone is not adequate, a co-processor
interface is provided.
The TS68020 is a high-performance microprocessor implemented in HCMOS, low
power, small geometry process. This process allows CMOS and HMOS (high density
NMOS) gates to be combined on the same device. CMOS structures are used where
speed and low power is required, and HMOS structures are used where minimum sili-
con area is desired. This technology enables the TS68020 to be very fast while
consuming less power (less than 1.5 watts) and still have a reasonably small die size. It
utilizes about 190.000 transistors, 103.000 of which are actually implemented. The
package is a pin-grid array (PGA) with 114 pins, arranged 13 pins on a side with a
depopulated center and 132 pins ceramic quad flat pack.
Figure 1 is a block diagram of the TS68020. The processor can be divided into two main
sections: the bus controller and the micromachine. This division reflects the autonomy
with which the sections operate.
Figure 1. TS68020 Block Diagram
The bus controller consists of the address and data pads and multiplexers required to
support dynamic bus sizing, a macro bus controller which schedules the bus cycles on
the basis of priority with two state machines (one to control the bus cycles for operated
accesses and the other to control the bus cycles for instruction accesses), and the
instruction cache with its associated control.


Similar Part No. - TS68020DESC04YA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68020DESC04YA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com