Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3207D Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3207D
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207D Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3207D Datasheet HTML 1Page - ON Semiconductor ADP3207D Datasheet HTML 2Page - ON Semiconductor ADP3207D Datasheet HTML 3Page - ON Semiconductor ADP3207D Datasheet HTML 4Page - ON Semiconductor ADP3207D Datasheet HTML 5Page - ON Semiconductor ADP3207D Datasheet HTML 6Page - ON Semiconductor ADP3207D Datasheet HTML 7Page - ON Semiconductor ADP3207D Datasheet HTML 8Page - ON Semiconductor ADP3207D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP3207D
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS VCC = 5.0 V, FBRTN = GND, EN = VCC, VVID = 0.50 V to 1.5000 V, PSI = 1.05 V,
DPRSLP = GND, DPRSTP= 1.05 V, LLSET = CSREF, TA = −10°C to 100°C, unless otherwise noted (Note 1). RREF = 80 kW.
Current entering a pin (sunk by the device) has a positive sign.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VOLTAGE CONTROL − Voltage Error Amplifier (VEAMP)
FB, LLINE Voltage Range
(Note 2)
VFB, VLLINE
Relative to CSREF = VDAC
−200
+200
mV
FB, LLINE Offset Voltage
(Note 2)
VOSVEA
Relative to CSREF = VDAC
−0.5
+0.5
mV
FB Bias Current (Note 2)
IFB
−1.0
1.0
A
LLINE Bias Current (Note 2)
ILL
−50
50
nA
LLINE Positioning Accuracy
VFB − VVID
Measured on FB relative to VVID, LLINE
forced 80 mV below CSREF
−78
−80
−82
mV
COMP Voltage Range
VCOMP
Operating Range
0.85
4.0
V
COMP Current
ICOMP
COMP = 2.0 V, CSREF = VDAC
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
0.75
6.0
mA
COMP Slew Rate
SRCOMP
CCOMP = 10 pF, CSREF = VDAC, Open loop
configuration
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
15
−20
V/ms
Gain Bandwidth (Note 2)
GBW
Non−inverting unit gain configuration,
RFB = 1 kW
20
MHz
VID DAC VOLTAGE REFERENCE
VDAC Voltage Range
See VID Code Table
0
1.5
V
VDAC Accuracy
VFB − VVID
Measured on FB (includes offset), relative to
VVID, for VID table see Table 3,
TA = −10°C to 85°C
VVID = 1.2125 V to 1.5000 V
VVID = 0.3000 V to 1.2000 V
−9.0
−7.0
+9.0
+7.0
mV
VDAC Differential Non−linearity (Note 2)
−1.0
+1.0
LSB
VDAC Line Regulation
DVFB
VCC = 4.75 V to 5.25 V
0.05
%
VDAC Boot Voltage
VBOOTFB
Measured during boot delay period
1.200
V
Soft−Start Delay (Note 2)
tDSS
Measured from EN pos edge to FB = 50 mV
200
ms
Soft−Start Time
tSS
Measured from EN pos edge to FB settles to
VBOOT = 1.2 V within −5%
ADP3207D
ADP3207DF
1.4
0.14
ms
Boot Delay
tBOOT
Measured from FB settling to VBOOT = 1.2 V
within −5% to CLKEN neg edge
100
ms
VDAC Slew Rate
Soft−Start ADP3207D
Soft−Start ADP3207DF
Non−LSB VID step, DPRSLP = H, Slow C4
Entry/Exit
Non−LSB VID step, DPRSLP = L, Fast C4
Exit
0.0625
0.625
0.25
1.0
LSB/
ms
FBRTN Current
IFBRTN
90
200
mA
VOLTAGE MONITORING AND PROTECTION − Power Good
CSREF Undervoltage
Threshold
VUVCSREF
Relative to nominal DAC Voltage:
= 0.5125 V to 1.5 V
= 0.3 V to 0.5 V
−240
−160
−300
−300
−360
−360
mV
CSREF Overvoltage
Threshold
VOVCSREF
Relative to nominal DAC Voltage
150
200
250
mV
CSREF Crowbar Voltage
Threshold
VCBCSREF
Relative to FBRTN
1.65
1.7
1.75
V
1. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - ADP3207D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207AJCPZ-RL ONSEMI-ADP3207AJCPZ-RL Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CFJCPZ-RL ONSEMI-ADP3207CFJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com