Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1360O Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1360O
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1360O Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1360O Datasheet HTML 1Page - Toshiba Semiconductor 2SA1360O Datasheet HTML 2Page - Toshiba Semiconductor 2SA1360O Datasheet HTML 3Page - Toshiba Semiconductor 2SA1360O Datasheet HTML 4Page - Toshiba Semiconductor 2SA1360O Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1360
2010-03-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −150 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −1 mA, IB = 0
−150
V
DC current gain
hFE
(Note 2)
VCE = −5 V, IC = −10 mA
80
240
Collector-emitter saturation voltage
VCE (sat)
IC = −10 mA, IB = −1 mA
−1.0
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −10 mA
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −10 mA
200
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
2.5
pF
Note 2: hFE classification O: 80 to 160, Y: 120 to 240
Marking
Note 3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
A1360
Part No. (or abbreviation code)
Characteristics indicator
Lot No.
Note 3


Similar Part No. - 2SA1360O

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1360 TOSHIBA-2SA1360 Datasheet
150Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1360 TOSHIBA-2SA1360 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
logo
Inchange Semiconductor ...
2SA1360 ISC-2SA1360 Datasheet
191Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1360 SAVANTIC-2SA1360 Datasheet
144Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1360 JMNIC-2SA1360 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1360O

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN2301 TOSHIBA-RN2301 Datasheet
261Kb / 7P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2607 TOSHIBA-RN2607 Datasheet
191Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2313 TOSHIBA-RN2313 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com