Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P352PR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6201P352PR-G
Description  Positive Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P352PR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6201P352PR-G Datasheet HTML 2Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 3Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 4Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 5Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 6Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 7Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 8Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 9Page - Torex Semiconductor XC6201P352PR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/24
XC6201 Series
OUTPUT VOLTAGE
CIN
CL (TANTALUM)
CL (LOW ESR)
1.3V~1.6V
1.0μF
2.2μF
1.7V~6.0V
1.0μF
1.0μF
1.0μF
TYPICAL APPLICATION CIRCUIT
With the XC6201 series regulator, in order to ensure the stabilized output voltage, we suggest that an output capacitor (CL) of
1μF or more be connected between the output pin (VOUT) and the VSS pin. For using low ESR capacitor (e.g. ceramic
capacitors), please make sure that the output voltage is more than 1.7V. When the output voltage is from 1.3V to 1.6V, the
output capacitor should be a tantalum capacitor with a capacitance of 2.2μF. We also suggest an input capacitor (CIN)
should be connected between the VIN and the VSS in order to stabilize input power source.
VIN=1.8V~10V,VOUT=1.7~6.0V
CIN=1.0μF(Ceramic),CL=1.0μF(ceramic)
(Tantalum)
(Tantalum)


Similar Part No. - XC6201P352PR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P352PR TOREX-XC6201P352PR Datasheet
483Kb / 22P
   Positive Voltage Regulators
More results

Similar Description - XC6201P352PR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com