Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555701M01-PAE Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T555701M01-PAE
Description  Multifunctional 330-bit Read/Write RF-Identification IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555701M01-PAE Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T555701M01-PAE Datasheet HTML 4Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 5Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 6Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 7Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 8Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 9Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 10Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 11Page - ATMEL Corporation T555701M01-PAE Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
T5557
4517E–RFID–02/03
A start gap will be accepted at any time after the mode register has been loaded
(
³ 3 ms). A single gap will not change the previously selected page (by former opcode
‘10’ or ‘11’).
Figure 9. Start of Reader to Tag Communication
Table 2. Write Data Decoding Scheme
Write Data Protocol
The T5557 expects to receive a dual bit opcode as the first two bits of a reader com-
mand sequence. There are three valid opcodes:
The opcodes ‘10’ and ‘11’ precede all block write and direct access operations for
page 0 and page 1
The RESET opcode ‘00’ initiates a POR cycle
The opcode ‘01’ precedes all test mode write operations. Any test mode access is
ignored after master key (bits 1..4) in block 0 has been set to ‘6’. Any further
modifications of the master key are prohibited by setting the lock bit of block 0 or the
OTP bit.
Writing has to follow these rules:
Standard write needs the opcode, the lock bit, 32 data bits and the 3-bit address
(38 bits total)
Protected write (PWD bit set) requires a valid 32-bit password between opcode and
data, address bits
For the AOR wake-up command an opcode and a valid password are necessary to
select and activate a specific tag
Note:
The data bits are read in the same order as written.
If the transmitted command sequence is invalid, the T5557 enters regular-read mode
with the previously selected page (by former opcode ‘10’ or ‘11’).
Parameters
Remark
Symbol
Min.
Max.
Unit
Start gap
S
gap
10
50
FC
Write gap
Normal write mode
Wgap
830
FC
Write data in normal mode
‘0’ data
d
0
16
31
FC
‘1’ data
d
1
48
63
FC
Write mode
Read mode
d
0
d 1
W gap
Sgap


Similar Part No. - T555701M01-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5557 ATMEL-T5557 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
T5557 ATMEL-T5557 Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
More results

Similar Description - T555701M01-PAE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
ATA5570C ATMEL-ATA5570C Datasheet
871Kb / 32P
   Multifunctional 330-bit Read/Write RF SensorIdentification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com