Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68020MR25 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS68020MR25
Description  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020MR25 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS68020MR25 Datasheet HTML 3Page - ATMEL Corporation TS68020MR25 Datasheet HTML 4Page - ATMEL Corporation TS68020MR25 Datasheet HTML 5Page - ATMEL Corporation TS68020MR25 Datasheet HTML 6Page - ATMEL Corporation TS68020MR25 Datasheet HTML 7Page - ATMEL Corporation TS68020MR25 Datasheet HTML 8Page - ATMEL Corporation TS68020MR25 Datasheet HTML 9Page - ATMEL Corporation TS68020MR25 Datasheet HTML 10Page - ATMEL Corporation TS68020MR25 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
TS68020
2115A–HIREL–07/02
Electrical Characteristics
Note:
1. Load network number 1 to 4 as specified (Table 7) gives the maximum loading of the relevant output.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
VCC
Supply Voltage
-0.3
+7.0
V
VI
Input Voltage
-0.5
+7.0
V
Pdmax
Max Power Dissipation
T
case =-55°C2.0
W
T
case = +125°C1.9
W
Tcase
Operating Temperature
M Suffix
-55
+125
°C
V Suffix
-40
+85
°C
Tstg
Storage Temperature
-55
+150
°C
Tleads
Lead Temperature
Max 5 Sec. Soldering
+270
°C
Table 3. Recommended Condition of Use
Unless otherwise stated, all voltages are referenced to the reference terminal (see Table 1).
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VIL
Low Level Input Voltage
-0.3
0.5
V
VIH
High Level Input Voltage
2.4
5.25
V
T
case
Operating Temperature
-55
+125
°C
R
L
Value of Output Load Resistance
(1)
C
L
Output Loading Capacitance
(1)
pF
tr(c)–tf(c)
Clock Rise Time (See Figure 5)
68020-16
5
ns
68020-20
5
68020-25
4
f
c
Clock Frequency (See Figure 5)
68020-16
8
16.67
MHz
68020-20
12.5
20
68020-25
12.5
25
tcyc
CycleTime(seeFigure 5)
68020-16
60
125
ns
68020-20
50
80
68020-25
40
80
t
W(CL)
Clock Pulse Width Low (See Figure 5)
68020-16
24
95
ns
68020-20
20
54
68020-25
19
61
tW(CH)
Clock Pulse WidthHigh(See Figure5)
68020-16
24
95
ns
68020-20
20
50
68020-25
19
61


Similar Part No. - TS68020MR25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68020MR25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com