Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68882MF33 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TS68882MF33
Description  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882MF33 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS68882MF33 Datasheet HTML 7Page - ATMEL Corporation TS68882MF33 Datasheet HTML 8Page - ATMEL Corporation TS68882MF33 Datasheet HTML 9Page - ATMEL Corporation TS68882MF33 Datasheet HTML 10Page - ATMEL Corporation TS68882MF33 Datasheet HTML 11Page - ATMEL Corporation TS68882MF33 Datasheet HTML 12Page - ATMEL Corporation TS68882MF33 Datasheet HTML 13Page - ATMEL Corporation TS68882MF33 Datasheet HTML 14Page - ATMEL Corporation TS68882MF33 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
TS68882
2119A–HIREL–04/02
Table 7. AC Electrical Characteristics – Read and Write Cycles
(1)
VCC =5.0 VDC ± 10%; GND = 0 VDC; Tc = -55°C/+125°CorTc = -40°C/+85°C (see Figure 7, Figure 8, Figure 9)
Parameter
16.67 MHz
20 MHz
25 MHz
33.33 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
6
Address valid to AS asserted
(5)
15
10
5
5
ns
6a
Address valid to DS asserted (read)
(5)
15
10
5
5
ns
6b
Address valid to DS asserted (write)
(5)
50
50
35
26
ns
7AS negated to address invalid
(6)
10
10
5
5
ns
7a
DS negated to address invalid
(6)
10
10
5
5
ns
8
CS asserted to AS asserted or AS asserted
to CS asserted
(9)
0
000
ns
8a
CS asserted to DS asserted or DS asserted
to CS asserted (read)
(9)
0
000
ns
8b
CS asserted to DS asserted or DS asserted
to CS asserted (write)
(9)
30
25
20
15
ns
9AS negated to CS negated
10
10
5
5
ns
9a
DS negated to CS negated
10
10
5
5
ns
10
R/W high to AS asserted (read)
15
10
5
5
ns
10a
R/W high to DS asserted (read)
15
10
5
5
ns
10b
R/W low to DS asserted (write)
35302525
ns
11
AS negated to R/W low (read) or
AS negated to R/W high (write)
10
10
5
5
ns
11a
DS negated to R/W low (read) or
DS negated to R/W high (write)
10
10
5
5
ns
12
DS width asserted (write)
40383023
ns
13
DS width negated
40
38
30
23
ns
13a
DS negated to AS asserted
(4)
30
30
25
18
ns
14
CS,DS asserted to data-out valid (read)
(2)
80
45
45
30
ns
15
DS negated to data-out invalid (read)
0
0
0
0
ns
16
DS negated to data-out high impedance
(read)
50
35
35
30
ns
17
Data-in invalid to DS asserted (write)
15
105
5ns
18
DS negated to data-in invalid (write)
15
10
5
5
ns
19
START true to DSACK0 and DSACK1
asserted
(2)
50
35
25
20
ns
19a
DSACK0 asserted to DSACK1 asserted
(skew)
(7)
-15
15
-10
10
-10
10
5
ns
20
DSACK0 or DSACK1 asserted to data-out
valid
50
43
32
17
ns
21
START false to DSACK0 and DSACK1
negated
(8)
50
30
40
30
ns


Similar Part No. - TS68882MF33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68882MF33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com