Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491M157K003AT7280 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T491M157K003AT7280
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491M157K003AT7280 Datasheet(HTML) 3 Page - Kemet Corporation

  T491M157K003AT7280 Datasheet HTML 1Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 2Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 3Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 4Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 5Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 6Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 7Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 8Page - Kemet Corporation T491M157K003AT7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005-1 • 5/18/2011
33
Standard MnO
2 Tantalum Surface Mount Capacitors – T491 Industrial Grade MnO2 Series
Qualification
Test
Condition
Characteristics
Endurance
85°C @ Rated Voltage, 2000 Hours.
125°C @ 2/3 Rated Voltage, 2000 Hours.
ΔC/C
Within ± 10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°C @ 0 Volts, 2000 Hours.
ΔC/C
Within ± 10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL-Std-202, Method 107, Condition B, mounted, -55C° to
125° C, 1000 cycles.
ΔC/C
Within ± 5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +125ºC, +25ºC.
+25°C
-55°C
+85°C
+125°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
12 x IL
Surge Voltage
25°C and 85°C, 1.32 x Rated Voltage 1000 cycles (125°C,
1.2 x Rated Voltage).
ΔC/C
Within ± 5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL-Std-202, Meth. 213, Cond. I, 100G Peak
MIL-Std-202, Meth. 204, Cond. D, 10Hz to 2000Hz, 20G
Peak.
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial Limit
Certification
KEMET’s Internal Qualification Plan for this Tantalum series of capacitors follows AEC-Q200 guidelines. Standard catalog part types
ordered without a specific automotive designator, i.e., suffix AUTO or four digit customer specific designator (C SPEC), are not
considered KEMET Automotive Grade Tantalum capacitors.


Similar Part No. - T491M157K003AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491 KEMET-T491 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T491 KEMET-T491 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491A104K035AG KEMET-T491A104K035AG Datasheet
9Mb / 100P
   Surface Mount Capacitors
More results

Similar Description - T491M157K003AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com