Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1129CS8
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1129CS8 Datasheet HTML 5Page - Linear Technology LT1129CS8 Datasheet HTML 6Page - Linear Technology LT1129CS8 Datasheet HTML 7Page - Linear Technology LT1129CS8 Datasheet HTML 8Page - Linear Technology LT1129CS8 Datasheet HTML 9Page - Linear Technology LT1129CS8 Datasheet HTML 10Page - Linear Technology LT1129CS8 Datasheet HTML 11Page - Linear Technology LT1129CS8 Datasheet HTML 12Page - Linear Technology LT1129CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
9
112935ff
Input Pin: Power is supplied to the device through the
input pin. The input pin should be bypassed to ground
if the device is more than 6 inches away from the main
input filter capacitor. In general, the output impedance of
a battery rises with frequency so it is advisable to include
a bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1μF to 10μF is sufficient. The
LT1129 is designed to withstand reverse voltages on the
input pin with respect to both ground and the output pin.
In the case of a reversed input, which can happen if a
battery is plugged in backwards, the LT1129 will act as if
there is a diode in series with its input. There will be no
reverse current flow into the LT1129 and no reverse volt-
age will appear at the load. The device will protect both
itself and the load.
Output Pin: The output pin supplies power to the load. An
output capacitor is required to prevent oscillations. See
the Applications Information section for recommended
value of output capacitance and information on reverse
output characteristics.
Shutdown Pin (
SHDN): This pin is used to put the device
into shutdown. In shutdown the output of the device is
turned off. This pin is active low. The device will be shut
down if the shutdown pin is actively pulled low. The
shutdown pin current with the pin pulled to ground will
be 6μA. The shutdown pin is internally clamped to 7V
and – 0.6V (one VBE). This allows the shutdown pin to be
driven directly by 5V logic or by open collector logic with
a pull-up resistor. The pull-up resistor is only required
to supply the leakage current of the open collector gate,
normally several microamperes. Pull-up current must be
limited to a maximum of 20mA. A curve of shutdown pin
input current as a function of voltage appears in the Typical
Performance Characteristics. If the shutdown pin is not
used it can be left open circuit. The device will be active,
output on, if the shutdown pin is not connected.
Sense Pin: For fixed voltage versions of the LT1129
(LT1129-3.3, LT1129-5) the sense pin is the input to the
error amplifier. Optimum regulation will be obtained at the
point where the sense pin is connected to the output pin.
For most applications the sense pin is connected directly
to the output pin at the regulator. In critical applications
small voltage drops caused by the resistance (RP) of PC
traces between the regulator and the load, which would
normally degrade regulation, may be eliminated by con-
necting the sense pin to the output pin at the load as
shown in Figure 1 (Kelvin Sense Connection). Note that
the voltage drop across the external PC traces will add to
the dropout voltage of the regulator. The sense pin bias
current is 15μA at the nominal regulated output voltage.
This pin is internally clamped to –0.6V (one VBE).
Adjust Pin: For the LT1129 (adjustable version) the adjust
pin is the input to the error amplifier. This pin is internally
clamped to 6V and –0.6V (one VBE). This pin has a bias
current of 150nA which flows into the pin. See Bias Cur-
rent curve in the Typical Performance Characteristics. The
adjust pin reference voltage is equal to 3.75V referenced
to ground.
PIN FUNCTIONS
Figure 1. Kelvin Sense Connection
The LT1129 is a micropower low dropout regulator with
shutdown, capable of supplying 700mA of output current
at a dropout voltage of 0.4V. The device operates with very
low quiescent current (50μA). In shutdown the quiescent
current drops to only 16μA. In addition to the low quies-
cent current the LT1129 incorporates several protection
APPLICATIONS INFORMATION
features which make it ideal for use in battery-powered
systems. The device is protected against reverse input
voltages. In battery backup applications where the output
can be held up by a backup battery when the input is pulled
to ground, the LT1129 acts like it has a diode in series
with its output and prevents reverse current flow.
IN
LT1129
GND
SHDN
112935 F01
SENSE
OUT
RP
1μF
LOAD
10μF
RP
+


Similar Part No. - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CS8 LINER-LT1129CS8 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129CS8 LINEAR-LT1129CS8 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129CS8 LINER-LT1129CS8 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CS8 LINER-LT1129CS8 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CS8-3.3 LINER-LT1129CS8-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com