Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129MPST-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1129MPST-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129MPST-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1129MPST-3.3 Datasheet HTML 6Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 7Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 8Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 9Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 10Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 11Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 12Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 13Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
10
112935ff
APPLICATIONS INFORMATION
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
IGND • VIN.
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics. Power dissipation will be equal to the
sum of the two components listed above.
The LT1129 series regulators have internal thermal
limiting designed to protect the device during overload
conditions. For continuous normal load conditions the
maximum junction temperature rating of 125°C must not
be exceeded. It is important to give careful consideration
to all sources of thermal resistance from junction to ambi-
ent. Additional heat sources mounted nearby must also be
considered.
For surface mount devices heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Experiments have shown that the
heat spreading copper layer does not need to be electri-
cally connected to the tab of the device. The PC material
can be very effective at transmitting heat between the pad
area, attached to the tab of the device, and a ground or
power plane layer either inside or on the opposite side of
the board. Although the actual thermal resistance of the
PC material is high, the length/area ratio of the thermal
resistor between layers is small. Copper board stiffeners
and plated through holes can also be used to spread the
heat generated by power devices.
The following tables list thermal resistances for each
package. For the TO-220 package, thermal resistance
is given for junction-to-case only since this package
is usually mounted to a heat sink. Measured values of
thermal resistance for several different board sizes and
copper areas are listed for each package. All measure-
ments were taken in still air on 3/32" FR-4 board with 1-oz
IN
LT1129
GND
SHDN
112935 F02
ADJ
OUT
R2
R1
VOUT = 3.75V 1 +
+ IADJ • R2
VADJ = 3.75V
IADJ = 150nA at 25°C
OUTPUT RANGE = 3.75V to 30V
R2
R1
() ()
VOUT
+
Figure 2. Adjustable Operation
Adjustable Operation
The adjustable version of the LT1129 has an output voltage
range of 3.75V to 30V. The output voltage is set by the
ratio of two external resistors as shown in Figure 2. The
device servos the output voltage to maintain the voltage
at the adjust pin at 3.75V. The current in R1 is then equal
to 3.75V/R1. The current in R2 is equal to the sum of the
current in R1 and the adjust pin bias current. The adjust
pin bias current, 150nA at 25°C, flows through R2 into the
adjust pin. The output voltage can be calculated according
to the formula in Figure 2. The value of R1 should be less
than 400k to minimize errors in the output voltage caused
by the adjust pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of Adjust Pin Voltage vs Temperature and Adjust
Pin Bias Current vs Temperature appear in the Typical
Performance Characteristics. The reference voltage at
the adjust pin has a positive temperature coefficient of
approximately 15ppm/°C. The adjust pin bias current has
a negative temperature coefficient. These effects are small
and will tend to cancel each other.
The adjustable device is specified with the adjust pin tied
to the output pin. This sets the output voltage to 3.75V.
Specifications for output voltages greater than 3.75V will
be proportional to the ratio of the desired output voltage
to 3.75V (VOUT/3.75V). For example: load regulation for an
output current change of 1mA to 700mA is – 6mV typical at
VOUT = 3.75V. At VOUT = 12V, load regulation would be:
12V
3.75V
• –6mV
()= –19mV
()


Similar Part No. - LT1129MPST-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129MPST-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com