Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW0402KBHTD Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TNPW0402KBHTD
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402KBHTD Datasheet(HTML) 5 Page - Vishay Siliconix

  TNPW0402KBHTD Datasheet HTML 1Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 2Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 3Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 4Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 5Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 6Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 7Page - Vishay Siliconix TNPW0402KBHTD Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions contact: ff3aresistors@vishay.com
Document Number: 31006
70
Revision: 06-Jul-06
TNPW
Vishay
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
60
40
20
0
- 20
- 40
- 60
- 80
TNPW0603
HF Performance
15
10
50 100
500 1000
Frequency f in MHz
10
Ω
100
Ω
1K
Ω
4.75K
Ω
10K
Ω
60
40
20
0
- 20
- 40
- 60
- 80
1
5 10
50 100
500
Frequency f in MHz
HF Performance
TNPW0603
10
Ω
100
Ω
1K
Ω
4.75K
Ω
10K
Ω
1000
60
40
20
0
- 20
- 40
- 60
- 80
HF Performance
15
10
50 100
500
1000
Frequency f in MHz
TNPW0805
10
Ω
100
Ω
1K
Ω
10K
Ω
60
40
20
0
- 20
- 40
- 60
- 80
1
5 10
50 100
500
Frequency f in MHz
HF Performance
TNPW0805
10
Ω
100
Ω
1K
Ω
10K
Ω
1000
90
80
70
60
50
40
30
20
10
0
Temperature Rise
0
0.1
0.2
0.3
0.4
0.5
Power in W
0402
1206
0805
0603
2010
2512
Derating
120
100
80
60
40
20
0
- 55
- 25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
70
EN


Similar Part No. - TNPW0402KBHTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402KK32BEEA VISHAY-TNPW0402KK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEA0H VISHAY-TNPW0402KK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC VISHAY-TNPW0402KK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC0H VISHAY-TNPW0402KK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEED VISHAY-TNPW0402KK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402KBHTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com