Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEQ-1.5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1764AEQ-1.5
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEQ-1.5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1764AEQ-1.5 Datasheet HTML 4Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 5Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 6Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 7Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 8Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 9Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 10Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 11Page - Linear Technology LT1764AEQ-1.5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1764A Series
1764afb
TYPICAL PERFOR A CE CHARACTERISTICS
Ripple Rejection
Ripple Rejection
LT1764A Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
FREQUENCY (Hz)
20
30
50
70
80
10
1k
10k
1M
1764 G31
10
100
100k
60
40
0
COUT = 100µF
TANTALUM +
10
× 1µF
CERAMIC
COUT = 10µF
TANTALUM
IL = 1.5A
VIN = VOUT(NOM) + 1V
+ 50mVRMS RIPPLE
TEMPERATURE (
°C)
–50
–25
50
60
75
0
50
75
1764 G32
55
70
65
25
100
125
IL = 1.5A
VIN = VOUT(NOM) + 1V
+ 0.5VP-P RIPPLE
AT f = 120Hz
TEMPERATURE (
°C)
–50
2.0
2.5
3.0
25
75
1764 G33
1.5
1.0
–25
0
50
100
125
0.5
0
IL = 3A
IL = 1.5A
IL = 100mA
IL = 500mA
TEMPERATURE (
°C)
–50
25
1764 G34
–25
0
50
10
5
0
–5
–10
–15
–20
–25
–30
75
100
125
LT1764A
LT1764A-3.3
LT1764A-2.5
LT1764A-1.8
∆IL = 1mA TO 3A
VIN = 2.7V (LT1764A/LT1764A-1.5)
VIN = VOUT(NOM) + 1V
(LT1764A-1.8/-2.5/-3.3)
LT1764A-1.5
FREQUENCY (Hz)
10
0.01
0.1
1
100
1k
10k
100k
1764 G35
LT1764A-3.3
LT1764A-2.5
LT1764A-1.8
LT1764A-1.5
LT1764A
COUT = 10µF
ILOAD = 3A
Current Limit
Current Limit
Reverse Output Current
Reverse Output Current
INPUT/OUTPUT DIFFERENTIAL (V)
0
2
4
6
1
3
5
4
8
12
16
1764 G27
20
2
0
6
10
14
18
TJ = –50°C
TJ = 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
4
5
6
25
75
1764 G28
3
2
–25
0
50
100
125
1
0
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
1764 G29
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
4
6
19
3
5
7
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT1764A)
VOUT = VFB
(LT1764A-1.5/1.8/-2.5/-3.3)
LT1764A
LT1764A-1.8
LT1764A-2.5
LT1764A-3.3
LT1764A-1.5
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G30
0.2
0.8
0.9
0.6
–25
25
100
125
VOUT = 1.21V (LT1764A)
VOUT = 1.5V (LT1764A-1.5)
VOUT = 1.8V (LT1764A-1.8)
VOUT = 2.5V (LT1764A-2.5)
VOUT = 3.3V (LT1764A-3.3)
VIN = 0V
LT1764A-1.5/1.8/-2.5/-3.3
LT1764A


Similar Part No. - LT1764AEQ-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEQ-1.5 LINER-LT1764AEQ-1.5 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AEQ-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com