Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEQ-2.5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1764AEQ-2.5
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEQ-2.5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1764AEQ-2.5 Datasheet HTML 5Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 6Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 7Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 8Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 9Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 10Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 11Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 12Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1764A Series
1764afb
RMS Output Noise vs Load Current
(10Hz to 100kHz)
LT1764A-3.3 10Hz to 100kHz
Output Noise
LT1764A-3.3 Transient Response
LOAD CURRENT (A)
10
15
25
35
40
0.0001
0.01
0.1
10
1764 G36
5
0.001
1
30
20
0
LT1764A-3.3
LT1764A-2.5
LT1764A-1.8
LT1764A
COUT = 10µF
LT1764A-1.5
VOUT
100
µV/DIV
COUT = 10µF
1ms/DIV
1764A G37
IL = 3A
TIME (
µs)
0
–0.1
0.1
–0.2
0
0.2
16
1764 G38
1.00
0.50
0.75
0.25
0
46
2
8
12 14
18
10
20
VIN = 4.3V
CIN = 3.3µF TANTALUM
COUT = 10µF TANTALUM
LT1764A-3.3 Transient Response
TIME (
µs)
0
–0.1
0.1
–0.2
0
0.2
16
1764 G39
2
3
1
0
46
2
8
12 14
18
10
20
VIN = 4.3V
CIN = 33µF
COUT = 100µF TANTALUM
+ 10
× 1µF CERAMIC
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1764AEQ-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEQ-2.5 LINER-LT1764AEQ-2.5 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AEQ-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com