Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEQ-2.5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1764AEQ-2.5
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEQ-2.5 Datasheet(HTML) 4 Page - Linear Technology

  LT1764AEQ-2.5 Datasheet HTML 1Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 2Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 3Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 4Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 5Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 6Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 7Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 8Page - Linear Technology LT1764AEQ-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1764A Series
1764afb
Current Limit
VIN = 7V, VOUT = 0V
4
A
E Grade: LT1764A; LT1764A-1.5;
3.1
A
VIN = 2.7V, ∆VOUT = – 0.1V
MP Grade: LT1764A
3.1
A
VIN = 2.8V, ∆VOUT = – 0.1V
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
1mA
Reverse Output Current (Note 10) LT1764A-1.5 VOUT = 1.5V, VIN < 1.5V
600
1200
µA
LT1764A-1.8 VOUT = 1.8V, VIN < 1.8V
600
1200
µA
LT1764A-2.5 VOUT = 2.5V, VIN < 2.5V
600
1200
µA
LT1764A-3.3 VOUT = 3.3V, VIN < 3.3V
600
1200
µA
LT1764A (Note 3) VOUT = 1.21V, VIN < 1.21V
300
600
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1764A regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1764A (E grade) is 100% tested at
TA = 25°C; performance at – 40°C and 125°C is assured by design,
characterization and correlation with statistical process controls. The
LT1764A (MP grade) is 100% tested and guaranteed over the –55
°C to
125
°C temperature range.
Note 3: The LT1764A (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4. Operating conditions are limited by maximum junction temperature.
The regulated output voltage specification will not apply for all possible
combinations of input voltage and output current. When operating at max-
imum input voltage, the output current range must be limited. When operat-
ing at maximum output current, the input voltage range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT1764A
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 4.12k resistors) for an output voltage of
2.42V. The external resistor divider will add a 300
µA DC load on the output.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 1V or VIN =
2.7V (E grade) or VIN = 2.8V (MP grade), whichever is greater, and a current
source load. The GND pin current will decrease at higher input voltages.
Note 8: ADJ pin bias current flows into the ADJ pin.
Note 9: SHDN pin current flows into the SHDN pin.
Note 10: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 11. For the LT1764A, LT1764A-1.5 and LT1764A-1.8 dropout voltage
will be limited by the minimum input voltage specification under some
output voltage/load conditions.
Note 12. All combinations of absolute maximum input voltage and
absolute maximum output voltage cannot be achieved. The absolute
maximum differential from input to output is
±20V. For example, with
VIN = 20V, VOUT cannot be pulled below ground.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Dropout Voltage
OUTPUT CURRENT (A)
0
0
100
200
300
400
600
0.5
1.0
1.5
2.0
1764 G01
2.5
3.0
500
TJ = 125°C
TJ = 25°C
Guaranteed Dropout Voltage
OUTPUT CURRENT (A)
0
700
600
500
400
300
200
100
0
1.5
2.5
1764 G02
0.5
1.0
2.0
3.0
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (
°C)
–50
400
500
600
25
75
1764 G03
300
200
–25
0
50
100
125
100
0
IL = 3A
IL = 1.5A
IL = 0.5A
IL = 100mA
IL = 1mA
Dropout Voltage


Similar Part No. - LT1764AEQ-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEQ-2.5 LINER-LT1764AEQ-2.5 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AEQ-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com