Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW0402RFETD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPW0402RFETD
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402RFETD Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPW0402RFETD Datasheet HTML 1Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 2Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 3Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 4Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 5Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 6Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 7Page - Vishay Siliconix TNPW0402RFETD Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 31006
For technical questions contact: ff3aresistors@vishay.com
www.vishay.com
Revision: 06-Jul-06
67
TNPW
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
Vishay
DIMENSIONS
SIZE
DIMENSIONS millimeters
INCH
METRIC
L
W
H
T1
T2
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05
0.2 ± 0.10
0603
1608
1.6 ± 0.10
0.85 ± 0.10
0.45 ± 0.10
0.3 ± 0.20
0805
2012
2.0 ± 0.15
1.25 ± 0.15
0.45 ± 0.10
0.4 ± 0.20
1206
3216
3.2 ± 0.15
1.6 ± 0.15
0.55 ± 0.10
0.5 ± 0.25
1210
3225
3.2 ± 0.15
2.45 ± 0.15
0.60 ± 0.15
0.5 ± 0.25
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.60 ± 0.15
0.6 ± 0.25
2512
6332
6.3 ± 0.20
3.1 ± 0.15
0.60 ± 0.15
0.6 ± 0.25
SOLDER PAD DIMENSIONS millimeters
SIZE
REFLOW SOLDERING
WAVE SOLDERING
INCH
METRIC
a
b
l
a
b
l
0402
1005
0.4
0.6
0.5
-
-
-
0603
1608
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
0.9
2.5
2.0
1.1
2.5
2.3
2010
5025
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
1.0
3.2
5.2
1.2
3.2
5.2
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE VALUE
E-SERIES
TNPW0402
± 50 ppm/K
± 1 %
10R - 100K
24 -96
± 0.5 %
10R - 100K
24-192
± 0.1 %
47R - 100K
± 25 ppm/K
± 1 %
10R - 100K
24 -96
± 0.5 %
10R - 100K
24-192
± 0.1 %
47R - 100K
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.1 %
TNPW0603
± 50 ppm/K
± 1 %
10R - 332K
24 -96
± 0.5 %
10R - 332K
24-192
± 0.1 %
± 25 ppm/K
± 1 %
10R - 332K
24 -96
± 0.5 %
10R - 332K
24-192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R - 332K
± 10 ppm/K
± 0.1 %
TNPW0805
± 50 ppm/K
± 1 %
10R - 1M0
24 -96
± 0.5 %
10R - 1M0
24-192
± 0.1 %
± 25 ppm/K
± 1 %
10R - 1M0
24 -96
± 0.5 %
10R - 1M0
24-192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R - 1M0
± 10 ppm/K
± 0.1 %


Similar Part No. - TNPW0402RFETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402RK32BEEA VISHAY-TNPW0402RK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEA0H VISHAY-TNPW0402RK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEC VISHAY-TNPW0402RK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEC0H VISHAY-TNPW0402RK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEED VISHAY-TNPW0402RK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402RFETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com