Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW0402MFETD Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TNPW0402MFETD
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402MFETD Datasheet(HTML) 4 Page - Vishay Siliconix

  TNPW0402MFETD Datasheet HTML 1Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 2Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 3Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 4Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 5Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 6Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 7Page - Vishay Siliconix TNPW0402MFETD Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TNPW
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
Vishay
Document Number: 31006
For technical questions contact: ff3aresistors@vishay.com
www.vishay.com
Revision: 06-Jul-06
69
1) R52/CN only for precision resistors with tolerance ± 0.1 % and temperature coefficient
≤ ± 25 ppm/k
DESCRIPTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a super high
grade ceramic substrate and conditioned to achieve the
desired temperature coefficient. A special laser is used to
achieve the target value by smoothly cutting a meander
groove in the resistive layer without damaging the ceramics.
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems.
PACKING
MODEL
TAPE
WIDTH
[mm]
PITCH
[mm]
REEL DIAMETER
[mm/inch]
PIECES
PER
REEL
PACKING
CODE
for PRODUCT
DESCRIPTION
PACKING
CODE
for PART
NUMBER
TYPE OF
CARRIER TAPE
TNPW 0402
8
2
180/7
10 000
RT7
TD
Paper
TNPW 0603
TNPW 0805
TNPW 1206
TNPW 1210
8
4
180/7
1000
R521
CN1
Paper
TNPW 0603
TNPW 0805
TNPW 1206
TNPW 1210
8
4
180/7
5000
RT1
TA
Paper
TNPW 0603
TNPW 0805
TNPW 1206
TNPW 1210
8
4
330/13
20 000
RT6
TC
Paper
TNPW 2010
12
4
180/7
1000
R75
TY
Blister
4000
R02
TF
Blister
TNPW 2512
12
4
180/7
1000
R75
TY
Blister
2000
R67
TG
Blister
120
110
100
90
80
70
60
10
100
1K
10K
100K
Non-Linearity
Resistance Value in
Ω
TNPW1206
TNPW0805
TNPW0603
TNPW0402
3
2
1
0.5
0.3
0.1
0.01
0.03
0.05
100
1K
10K
100K
1M
Current Noise
Resistance Value in
Ω
TNPW0402
TNPW0805
TNPW0603
TNPW1206


Similar Part No. - TNPW0402MFETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402MK32BEEA VISHAY-TNPW0402MK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEA0H VISHAY-TNPW0402MK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEC VISHAY-TNPW0402MK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEC0H VISHAY-TNPW0402MK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEED VISHAY-TNPW0402MK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402MFETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com