Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEFE-1.8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1764AEFE-1.8
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEFE-1.8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1764AEFE-1.8 Datasheet HTML 6Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 7Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 8Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 9Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 10Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 11Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 12Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 13Page - Linear Technology LT1764AEFE-1.8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1764A Series
1764afb
SHDN (Pin 1/1/10): Shutdown. The SHDN pin is used to
put the LT1764A regulators into a low power shutdown
state. The output will be off when the SHDN pin is pulled
low. The SHDN pin can be driven either by 5V logic or
open-collector logic with a pull-up resistor. The pull-up
resistor is required to supply the pull-up current of the
open-collector gate, normally several microamperes, and
the SHDN pin current, typically 7
µA. If unused, the SHDN
pin must be connected to VIN. The device will be in
the low power shutdown state if the SHDN pin is not
connected.
IN (Pin 2/Pin 2/Pins 12, 13, 14): Input. Power is supplied
to the device through the IN pin. A bypass capacitor is
required on this pin if the device is more than six inches
away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so it
is advisable to include a bypass capacitor in battery-
powered circuits. A bypass capacitor in the range of 1
µF to
10
µFissufficient.TheLT1764Aregulatorsaredesignedto
withstand reverse voltages on the IN pin with respect to
ground and the OUT pin. In the case of a reverse input,
which can happen if a battery is plugged in backwards, the
device will act as if there is a diode in series with its input.
There will be no reverse current flow into the regulator and
no reverse voltage will appear at the load. The device will
protect both itself and the load.
NC (Pins 2, 11, 15) TSSOP Only: No Connect.
GND (Pin 3/Pin 3/Pins 1, 7, 8, 9, 16, 17): Ground.
OUT (Pin 4/Pin 4/Pins 3, 4, 5): Output. The output
supplies power to the load. A minimum output capacitor
of 10
µF is required to prevent oscillations. Larger output
capacitors will be required for applications with large
transient loads to limit peak voltage transients. See the
Figure 1. Kelvin Sense Connection
IN
SHDN
1764 F01
RP
OUT
VIN
SENSE
GND
LT1764A
RP
3
5
4
1
2
+
+
LOAD
PI FU CTIO S
Applications Information section for more information on
output capacitance and reverse output characteristics.
SENSE (Pin 5/Pin 5/Pin 6): Sense. For fixed voltage
versions of the LT1764A (LT1764A-1.5/LT1764A-1.8/
LT1764A-2.5/LT1764A-3.3), the SENSE pin is the input
to the error amplifier. Optimum regulation will be ob-
tained at the point where the SENSE pin is connected to the
OUT pin of the regulator. In critical applications, small
voltage drops are caused by the resistance (RP) of PC
traces between the regulator and the load. These may be
eliminated by connecting the SENSE pin to the output at
the load as shown in Figure 1 (Kelvin Sense Connection).
Note that the voltage drop across the external PC traces
will add to the dropout voltage of the regulator. The SENSE
pin bias current is 600
µA at the nominal rated output
voltage. The SENSE pin can be pulled below ground (as in
a dual supply system where the regulator load is returned
to a negative supply) and still allow the device to start
and operate.
ADJ (Pin 5/Pin 5/Pin 6):Adjust. For the adjustable LT1764A,
this is the input to the error amplifier. This pin is internally
clamped to
±7V. It has a bias current of 3µA which flows
into the pin. The ADJ pin voltage is 1.21V referenced to
ground and the output voltage range is 1.21V to 20V.
DD/TO-220/TSSOP


Similar Part No. - LT1764AEFE-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEFE-1.8 LINER-LT1764AEFE-1.8 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AEFE-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com