Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965IDD-1.8-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1965IDD-1.8-PBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965IDD-1.8-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1965IDD-1.8-PBF Datasheet HTML 7Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 8Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 9Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 10Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 11Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 12Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 13Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 14Page - Linear Technology LT1965IDD-1.8-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1965 Series
11
1965fa
PIN FUNCTIONS
OUT (Pins 1, 2 / 1, 2 / 4 / 4): Output. This pin supplies
power to the load. Use a minimum output capacitor of
10μF to prevent oscillations. Large load transient applica-
tions require larger output capacitors to limit peak volt-
age transients. See the Applications Information section
for more information on output capacitance and reverse
output characteristics.
SENSE (Pin 3 / 3 / 5 / 5): Sense. For fixed voltage ver-
sions of the LT1965 (LT1965-1.5/LT1965-1.8/ LT1965-2.5/
LT1965-3.3), the SENSE pin is the input to the error ampli-
fier. Optimum regulation is obtained when the SENSE pin
is connected to the OUT pin of the regulator. In critical ap-
plications, small voltage drops are caused by the resistance
(RP) of PCB traces between the regulator and the load.
These drops may be eliminated by connecting the SENSE
pin to the output at the load as shown in Figure 1 (Kelvin
Sense Connection). Note that the voltage drop across
the external PCB traces will add to the dropout voltage
of the regulator. The SENSE pin bias current is 100μA at
the nominal rated output voltage. The SENSE pin can be
pulled below ground (as in a dual supply system where
the regulator load is returned to a negative supply) while
still allowing the device to start and operate.
ADJ (Pin 3 / 3 / 5 / 5): Adjust. This pin is the input to the
error amplifier. It has a typical bias current of 1.3μA that
flows into the pin. The ADJ pin voltage is 1.20V referenced
to ground.
GND (Pins 4, 5 / 4, 5 / 3 / 3): Ground. For the adjustable
LT1965, connect the bottom of the resistor divider, setting
output voltage, directly to GND for optimum regulation.
SHDN (Pin 6 / 6 / 1 / 1): Shutdown. Pulling the SHDN
pin low puts the LT1965 into a low power state and turns
the output off. Drive the SHDN pin with either logic or an
open collector/drain with a pull-up resistor. The resistor
supplies the pull-up current to the open collector/drain
logic, normally several microamperes and the SHDN pin
current, typically less than 5.5μA. If unused, connect the
SHDN pin to VIN. The SHDN pin cannot be driven below
GND unless it is tied to the IN pin. If the SHDN pin is
driven below GND while IN is powered, the output will
turn on. SHDN pin logic cannot be referenced to a nega-
tive supply rail.
IN (Pins 7, 8 / 7, 8 / 2 / 2): Input. This pin supplies power
to the device. The LT1965 requires a bypass capacitor at IN
if located more than six inches from the main input filter
capacitor. Include a bypass capacitor in battery-powered
circuits as a battery’s output impedance generally rises with
frequency. A bypass capacitor in the range of 1μF to 10μF
suffices. The LT1965’s design withstands reverse voltages
on the IN pin with respect to ground and the OUT pin. In
the case of a reversed input, which occurs if a battery is
plugged in backwards, the LT1965 behaves as if a diode
is in series with its input. No reverse current flows into
the LT1965 and no reverse voltage appears at the load.
The device protects itself and the load.
Exposed Pad (Pin 9 / 9, DFN and MSOP Packages Only):
Ground. Tie this pin directly to Pins 4 and 5 and the PCB
ground. This pin provides enhanced thermal performance
with its connection to the PCB ground. See the Applica-
tions Information section for thermal considerations and
calculating junction temperature.
(DFN/MSOP/DD-PAK/TO-220)
Figure 1. Kelvin Sense Connection
IN
1965 F01
RP
RP
OUT
VIN
SENSE
SHDN
GND
LT1965
+
+
LOAD


Similar Part No. - LT1965IDD-1.8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965IDD-1.8-PBF LINER-LT1965IDD-1.8-PBF Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965IDD-1.8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com