Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-DDBC-M Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C51RD2-DDBC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-DDBC-M Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C51RD2-DDBC-M Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-DDBC-M Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
Rev. F - 15 February, 2001
T89C51RD2
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP 1.4
17
19
13
O
RD (P3.7): External data memory read strobe
Reset
9
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC. This pin is an output when the hardware
watchdog forces a system reset.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte
of the address during an access to external memory. In normal operation, ALE
is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. This pin is also the program
pulse input (PROG) during Flash programming. ALE can be disabled by setting
SFR’s AUXR.0 bit. With this bit set, ALE will be inactive during internal fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
31
35
29
I
External Access Enable: EA must be externally held low to enable the device
to fetch code from external program memory locations 0000H to FFFFH (RD).
If security level 1 is programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier


Similar Part No. - T89C51RD2-DDBC-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-DDVCM ATMEL-T89C51RD2-DDVCM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-DDBC-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com