Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107M050R0100 Datasheet(PDF) 7 Page - AVX Corporation

Part # TPSC107M050R0100
Description  TPS Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107M050R0100 Datasheet(HTML) 7 Page - AVX Corporation

Back Button TPSC107M050R0100 Datasheet HTML 3Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 4Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 5Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 6Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 7Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 8Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 9Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 10Page - AVX Corporation TPSC107M050R0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD337*010#0065
D
330
10
33
8
65
1
1.519
1.367
0.608
0.099
0.089
0.039
TPSD337*010#0100
D
330
10
33
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD337*010#0150
D
330
10
33
8
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE337*010#0040
E
330
10
33
8
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE337*010#0050
E
330
10
33
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE337*010#0060
E
330
10
33
8
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE337*010#0100
E
330
10
33
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV337*010#0040
V
330
10
33
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV337*010#0060
V
330
10
33
10
60
1
1)
2.041
1.837
0.816
0.122
0.110
0.049
TPSV337*010#0100
V
330
10
33
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSE477*010#0045
E
470
10
47
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*010#0050
E
470
10
47
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE477*010#0060
E
470
10
47
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE477*010#0100
E
470
10
47
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE477*010#0200
E
470
10
47
10
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV477*010#0040
V
470
10
47
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV477*010#0060
V
470
10
47
10
60
1
1)
2.041
1.837
0.816
0.122
0.110
0.049
TPSV477*010#0100
V
470
10
47
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
16 Volt @ 85ºC (10 Volt @ 125ºC)
TPSA105*016#6200
A
1
16
0.5
4
6200
1
0.110
0.099
0.044
0.682
0.614
0.273
TPSA225*016#1800
A
2.2
16
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSA225*016#3500
A
2.2
16
0.5
6
3500
1
0.146
0.132
0.059
0.512
0.461
0.205
TPST225*016#2000
T
2.2
16
0.5
6
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA335*016#3500
A
3.3
16
0.5
6
3500
1
0.146
0.132
0.059
0.512
0.461
0.205
TPSB335*016#2500
B
3.3
16
0.5
6
2500
1
0.184
0.166
0.074
0.461
0.415
0.184
TPSA475*016#2000
A
4.7
16
0.8
6
2000
1
0.194
0.174
0.077
0.387
0.349
0.155
TPSB475*016#0800
B
4.7
16
0.8
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSB475*016#1500
B
4.7
16
0.8
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSA685*016#1500
A
6.8
16
1.1
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB685*016#0600
B
6.8
16
1.1
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSB685*016#1200
B
6.8
16
1.1
6
1200
1
0.266
0.240
0.106
0.319
0.287
0.128
TPSA106*016#1000
A
10
16
1.6
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB106*016#0500
B
10
16
1.6
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB106*016#0800
B
10
16
1.6
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSC106*016#0500
C
10
16
1.6
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPST106*016#0800
T
10
16
1.6
8
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPST106*016#1000
T
10
16
1.6
8
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPSW106*016#0500
W
10
16
1.6
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSW106*016#0600
W
10
16
1.6
6
600
1
0.387
0.349
0.155
0.232
0.209
0.093
TPSB156*016#0500
B
15
16
2.4
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB156*016#0800
B
15
16
2.4
6
800
1
0.326
0.293
0.130
0.261
0.235
0.104
TPSC156*016#0700
C
15
16
2.4
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB226*016#0400
B
22
16
3.5
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*016#0600
B
22
16
3.5
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC226*016#0150
C
22
16
3.5
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC226*016#0250
C
22
16
3.5
6
250
1
0.663
0.597
0.265
0.166
0.149
0.066
TPSC226*016#0300
C
22
16
3.5
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSC226*016#0375
C
22
16
3.5
6
375
1
0.542
0.487
0.217
0.203
0.183
0.081
TPSD226*016#0700
D
22
16
3.5
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSW226*016#0500
W
22
16
3.5
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSB336*016#0350
B
33
16
5.3
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB336*016#0500
B
33
16
5.3
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC336*016#0100
C
33
16
5.3
6
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC336*016#0150
C
33
16
5.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC336*016#0225
C
33
16
5.3
6
225
1
0.699
0.629
0.280
0.157
0.142
0.063
TPSC336*016#0300
C
33
16
5.3
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSD336*016#0200
D
33
16
5.3
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSW336*016#0140
W
33
16
5.3
6
140
1
0.802
0.722
0.321
0.112
0.101
0.045
TPSW336*016#0175
W
33
16
5.3
6
175
1
0.717
0.645
0.287
0.125
0.113
0.050
TPSW336*016#0250
W
33
16
5.3
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSW336*016#0400
W
33
16
5.3
6
400
1
0.474
0.427
0.190
0.190
0.171
0.076
TPSW336*016#0500
W
33
16
5.3
6
500
1
0.424
0.382
0.170
0.212
0.191
0.085
TPSY336*016#0300
Y
33
16
5.3
6
300
1
1)
0.645
0.581
0.258
0.194
0.174
0.077
TPSY336*016#0400
Y
33
16
5.3
6
400
1
1)
0.559
0.503
0.224
0.224
0.201
0.089
TPSC476*016#0110
C
47
16
7.5
6
110
1
1.000
0.900
0.400
0.110
0.099
0.044
TPSC476*016#0350
C
47
16
7.5
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSD476*016#0080
D
47
16
7.5
6
80
1
1.369
1.232
0.548
0.110
0.099
0.044
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
36


Similar Part No. - TPSC107M050R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107M050R0100 AVX-TPSC107M050R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M050R0100 AVX-TPSC107M050R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M050R0100 AVX-TPSC107M050R0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107M050R0100 AVX-TPSC107M050R0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107M050R0100 AVX-TPSC107M050R0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107M050R0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD476K025R0125 AVX-TPSD476K025R0125 Datasheet
146Kb / 11P
   TPS Series
TPSD226K035R0200 AVX-TPSD226K035R0200 Datasheet
166Kb / 11P
   TPS Series
TPSD337K006R0045 AVX-TPSD337K006R0045 Datasheet
146Kb / 11P
   TPS Series
TPSE476M035R0200 AVX-TPSE476M035R0200 Datasheet
197Kb / 16P
   TPS Series
TPSD686K020R0070 AVX-TPSD686K020R0070 Datasheet
163Kb / 11P
   TPS Series
TPSE226K035R0200 AVX-TPSE226K035R0200 Datasheet
146Kb / 11P
   TPS Series
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com