Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K002S0100 Datasheet(PDF) 9 Page - AVX Corporation

Part # TPSC107K002S0100
Description  TPS Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K002S0100 Datasheet(HTML) 9 Page - AVX Corporation

Back Button TPSC107K002S0100 Datasheet HTML 3Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 4Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 5Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 6Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 7Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 8Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 9Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 10Page - AVX Corporation TPSC107K002S0100 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSW106*020#0250
W
10
20
2
6
250
1
0.600
0.540
0.240
0.150
0.135
0.060
TPSW106*020#0500
W
10
20
2
6
500
1
0.424
0.382
0.170
0.212
0.191
0.850
TPSB156*020#0500
B
15
20
3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSC156*020#0400
C
15
20
3
6
400
1
0.524
0.472
0.210
0.210
0.189
0.084
TPSC156*020#0450
C
15
20
3
6
450
1
0.494
0.445
0.198
0.222
0.200
0.089
TPSB226*020#0400
B
22
20
4.4
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*020#0600
B
22
20
4.4
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC226*020#0100
C
22
20
4.4
6
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSC226*020#0150
C
22
20
4.4
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC226*020#0400
C
22
20
4.4
6
400
1
0.524
0.472
0.210
0.210
0.189
0.084
TPSD226*020#0200
D
22
20
4.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*020#0300
D
22
20
4.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSC336*020#0300
C
33
20
6.6
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPSD336*020#0100
D
33
20
6.6
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD336*020#0200
D
33
20
6.6
6
200
1
0.866
0.779
0.346
0.173
0.155
0.069
TPSD476*020#0075
D
47
20
9.4
6
75
1
1.414
1.273
0.566
0.106
0.095
0.042
TPSD476*020#0100
D
47
20
9.4
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD476*020#0200
D
47
20
9.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSE476*020#0070
E
47
20
9.4
6
70
1
1)
1.535
1.382
0.614
0.107
0.097
0.043
TPSE476*020#0125
E
47
20
9.4
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE476*020#0150
E
47
20
9.4
6
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSE476*020#0200
E
47
20
9.4
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*020#0250
E
47
20
9.4
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSD686*020#0070
D
68
20
13.6
6
70
1
1.464
1.317
0.586
0.102
0.092
0.041
TPSD686*020#0150
D
68
20
13.6
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSD686*020#0200
D
68
20
13.6
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD686*020#0300
D
68
20
13.6
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE686*020#0125
E
68
20
13.6
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE686*020#0150
E
68
20
13.6
6
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSE686*020#0200
E
68
20
13.6
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSD107*020#0085
D
100
20
20
6
85
1
1.328
1.196
0.531
0.113
0.102
0.045
TPSD107*020#0100
D
100
20
20
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD107*020#0150
D
100
20
20
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSE107*020#0100
E
100
20
20
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE107*020#0150
E
100
20
20
6
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSE107*020#0200
E
100
20
20
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV107*020#0060
V
100
20
20
8
60
1
1)
2.041
1.837
0.816
0.122
0.110
0.049
TPSV107*020#0085
V
100
20
20
8
85
1
1)
1.715
1.543
0.686
0.146
0.131
0.058
TPSV107*020#0100
V
100
20
20
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSV107*020#0200
V
100
20
20
8
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV157*020#0080
V
150
20
30
8
80
1
1)
1.768
1.591
0.707
0.141
0.127
0.057
25 Volt @ 85ºC (17 Volt @ 125ºC)
TPSA474*025#7000
A
0.47
25
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA684*025#6000
A
0.68
25
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA105*025#4000
A
1
25
0.5
4
4000
1
0.137
0.123
0.055
0.548
0.493
0.219
TPSR105*025#2500
R
1
25
0.5
4
2500
1
0.148
0.133
0.059
0.371
0.334
0.148
TPSR105*025#4000
R
1
25
0.5
4
4000
1
0.117
0.106
0.047
0.469
0.422
0.188
TPSA155*025#3000
A
1.5
25
0.5
6
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSB155*025#1800
B
1.5
25
0.5
6
1800
1
0.217
0.196
0.087
0.391
0.352
0.156
TPSA225*025#2500
A
2.2
25
0.6
6
2500
1
0.173
0.156
0.069
0.433
0.390
0.173
TPSB225*025#0900
B
2.2
25
0.6
6
900
1
0.307
0.277
0.123
0.277
0.249
0.111
TPSB225*025#1200
B
2.2
25
0.6
6
1200
1
0.266
0.240
0.106
0.319
0.287
0.128
TPSB225*025#2500
B
2.2
25
0.6
6
2500
1
0.184
0.166
0.074
0.461
0.415
0.184
TPSA335*025#1000
A
3.3
25
0.8
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSA335*025#1500
A
3.3
25
0.8
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB335*025#0750
B
3.3
25
0.8
6
750
1
0.337
0.303
0.135
0.252
0.227
0.101
TPSB335*025#1500
B
3.3
25
0.8
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSB335*025#2000
B
3.3
25
0.8
6
2000
1
0.206
0.186
0.082
0.412
0.371
0.165
TPSB475*025#0700
B
4.7
25
1.2
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSB475*025#0900
B
4.7
25
1.2
6
900
1
0.307
0.277
0.123
0.277
0.249
0.111
TPSB475*025#1500
B
4.7
25
1.2
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSC475*025#0700
C
4.7
25
1.2
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB685*025#0700
B
6.8
25
1.7
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSC685*025#0500
C
6.8
25
1.7
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSC685*025#0600
C
6.8
25
1.7
6
600
1
0.428
0.385
0.171
0.257
0.231
0.103
TPSC685*025#0700
C
6.8
25
1.7
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB106*025#1800
B
10
25
2.5
6
1800
1
0.217
0.196
0.087
0.391
0.352
0.156
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
38


Similar Part No. - TPSC107K002S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002S0100 AVX-TPSC107K002S0100 Datasheet
146Kb / 11P
   Low ESR
More results

Similar Description - TPSC107K002S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD476K025R0125 AVX-TPSD476K025R0125 Datasheet
146Kb / 11P
   TPS Series
TPSD226K035R0200 AVX-TPSD226K035R0200 Datasheet
166Kb / 11P
   TPS Series
TPSD337K006R0045 AVX-TPSD337K006R0045 Datasheet
146Kb / 11P
   TPS Series
TPSE476M035R0200 AVX-TPSE476M035R0200 Datasheet
197Kb / 16P
   TPS Series
TPSD686K020R0070 AVX-TPSD686K020R0070 Datasheet
163Kb / 11P
   TPS Series
TPSE226K035R0200 AVX-TPSE226K035R0200 Datasheet
146Kb / 11P
   TPS Series
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com