Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1263CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1263CS8
Description  12V, 60mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1263CS8 Datasheet HTML 1Page - Linear Technology LTC1263CS8 Datasheet HTML 2Page - Linear Technology LTC1263CS8 Datasheet HTML 3Page - Linear Technology LTC1263CS8 Datasheet HTML 4Page - Linear Technology LTC1263CS8 Datasheet HTML 5Page - Linear Technology LTC1263CS8 Datasheet HTML 6Page - Linear Technology LTC1263CS8 Datasheet HTML 7Page - Linear Technology LTC1263CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1263
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
Supply Current
TEMPERATURE (
°C)
–55
105
LTC1263 • TPC03
–15
25
65
220
215
210
205
200
195
190
185
180
–35
5
45
85
VCC = 4.75V
VCC = 5V
VCC = 5.5V
IOUT = 60mA
TEMPERATURE (
°C)
–55
105
LTC1263 • TPC01
–15
25
65
328
326
324
322
320
318
316
314
312
–35
5
45
85
VCC = 5V
IOUT = 0
Output Voltage
Oscillator Frequency
SUPPLY VOLTAGE (V)
4.7
5.5
LTC1263 • TPC04
4.9
5.1
5.3
12.8
12.6
12.4
12.2
12.0
11.8
11.6
11.4
11.2
4.8
5.0
5.2
5.4
IOUT = 90mA
IOUT = 0mA, 60mA
TA = 25°C
TEMPERATURE (
°C)
–55
105
LTC1263 • TPC05
–15
25
65
460
420
380
340
300
260
220
180
140
–35
5
45
85
PIN FUNCTIONS
C1(Pin 1): First Charge Capacitor Negative Input. Connect
a 0.47
µF capacitor (C1) between C1+ and C1.
C1+ (Pin 2): First Charge Capacitor Positive Input. Connect
a 0.47
µF capacitor (C1) between C1+ and C1.
C2(Pin 3): Second Charge Capacitor Negative Input.
Connect a 0.47
µF capacitor (C2) between C2+ and C2.
C2+ (Pin 4): Second Charge Capacitor Positive Input.
Connect a 0.47
µF capacitor (C2) between C2+ and C2.
VCC (Pin 5): Positive Supply Input. 4.75V ≤ VCC ≤ 5.5V.
Requires a 10
µF bypass capacitor to ground (C4).
VOUT (Pin 6): 12V Output. Requires a 10µF or a higher
value bypass capacitor to ground (C3). VOUT = VCC when
in the shutdown mode.
GND (Pin 7): Ground.
SHDN (Pin 8): Active-High TTL Logic Level Shutdown Pin.
SHDN is internally pulled up to VCC. Connect to GND for
normal operation. In shutdown mode, the charge pump is
turned off and VOUT = VCC.
Output Voltage
TEMPERATURE (
°C)
–55
105
LTC1263 • TPC02
–15
25
65
12.8
12.6
12.4
12.2
12.0
11.8
11.6
11.4
11.2
–35
5
45
85
IOUT = 0mA
IOUT = 90mA
IOUT = 60mA
VCC = 5V


Similar Part No. - LTC1263CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com