Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1263CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1263CS8
Description  12V, 60mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1263CS8 Datasheet HTML 1Page - Linear Technology LTC1263CS8 Datasheet HTML 2Page - Linear Technology LTC1263CS8 Datasheet HTML 3Page - Linear Technology LTC1263CS8 Datasheet HTML 4Page - Linear Technology LTC1263CS8 Datasheet HTML 5Page - Linear Technology LTC1263CS8 Datasheet HTML 6Page - Linear Technology LTC1263CS8 Datasheet HTML 7Page - Linear Technology LTC1263CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1263
BLOCK DIAGRAM
C1+
C1
C1
C2+
C2
C2
S4B
S4A
S3A
S3C
S1
R1
R2
R3
BANDGAP
REFERENCE
OSCILLATOR
VCC
VOUT
CIN
COUT
SHDN
GND
CHARGE PUMP
S4C
S3D
S3B
LTC1263 • BD
VBGAP
S1 AND S2 SHOWN WITH SHDN PIN LOW. S3A, S3B, S3C, S3D, S4A, S4B AND S4C SHOWN CHARGING C1 AND C2
WITH OSCILLATOR OUTPUT LOW AND VDIV < VBGAP – VHYST. AT OSCILLATOR OUTPUT HIGH, S3A, S3B, S3C AND S3D
OPEN WHILE S4A, S4B AND S4C CLOSE TO CHARGE VOUT. COMPARATOR HYSTERESIS IS ±VHYST
S2
VDIV
CLK
TIMING DIAGRAMS
1.4V
1.4V
VSHDN
VOUT
5.1V
12V
tON
tOFF
VOUT
VCC
VCC
0V
LTC1263 • F01
Figure 1. Timing Diagram
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1
C1+
C2
C2+
LTC1263
C1 = 0.47
µF
C2 = 0.47
µF
LTC1263 • F02
C3 = 10
µF
C4 = 10
µF
VCC
4.75V TO 5.5V
VSHDN
VOUT
Figure 2. Timing Circuit


Similar Part No. - LTC1263CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com