Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1330K31Y5SQ6V0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VY1330K31Y5SQ6V0
Description  AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1330K31Y5SQ6V0 Datasheet(HTML) 5 Page - Vishay Siliconix

  VY1330K31Y5SQ6V0 Datasheet HTML 1Page - Vishay Siliconix VY1330K31Y5SQ6V0 Datasheet HTML 2Page - Vishay Siliconix VY1330K31Y5SQ6V0 Datasheet HTML 3Page - Vishay Siliconix VY1330K31Y5SQ6V0 Datasheet HTML 4Page - Vishay Siliconix VY1330K31Y5SQ6V0 Datasheet HTML 5Page - Vishay Siliconix VY1330K31Y5SQ6V0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28537
86
Revision: 12-Apr-10
VY1 Series
Vishay BCcomponents
AC Line Rated Disc Capacitors
Class X1, 760 VAC, Class Y1, 500 VAC
STANDARD RECOGNITION
IEC 60384 - 14/3rd issue (2005) - Safety tests
UL 1414 - Across-the-line, antenna-coupling and line-by-pass component
CSA C22.2 - Across-the-line, line to ground and antenna isolation capacitor
CQC - China Quality Certification Centre-Safety Tests
MARKING: 2 SIDES (EXAMPLE)
LABEL (EXAMPLE)
Note
• The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient temperature
of 25 °C ± 3 °C, at normal atmospheric conditions.
VY1 472 M
Y1 500 ~
X1 760 ~
xxxx
250 ~
10
4 digit date code (year/week)
Current vs. Voltage (Leakage Current) at 50 Hz 25 °C
4700
1000
680
470
330
150
220
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
1500
2200
3300
AC Voltage VRMS
(pF)
AC Voltage VRMS
Current vs. Voltage (Leakage Current) at 50 Hz 25 °C
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
2500
3000
3500
4000
100
68
47
33
22
10
22
(pF)


Similar Part No. - VY1330K31Y5SQ6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1330K31Y5SQ6V0 VISHAY-VY1330K31Y5SQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY1330K31Y5SQ6V0 VISHAY-VY1330K31Y5SQ6V0 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1330K31Y5SQ6V0 VISHAY-VY1330K31Y5SQ6V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
VY1330K31Y5SQ6V0 VISHAY-VY1330K31Y5SQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1330K31Y5SQ6V0 VISHAY-VY1330K31Y5SQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1330K31Y5SQ6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com