Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1704EGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1704EGN
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704EGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1704EGN Datasheet HTML 4Page - Linear Technology LTC1704EGN Datasheet HTML 5Page - Linear Technology LTC1704EGN Datasheet HTML 6Page - Linear Technology LTC1704EGN Datasheet HTML 7Page - Linear Technology LTC1704EGN Datasheet HTML 8Page - Linear Technology LTC1704EGN Datasheet HTML 9Page - Linear Technology LTC1704EGN Datasheet HTML 10Page - Linear Technology LTC1704EGN Datasheet HTML 11Page - Linear Technology LTC1704EGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC1704/LTC1704B
8
1704bfa
PI FU CTIO S
compensation and soft-start connections should return to
GND. GND and PGND should connect only at a single
point, near the PGND pin and the negative plate of the VIN
bypass capacitor.
REGFB (Pin 9): Linear Regulator Controller Feedback
Input. REGFB should be connected through a resistor
divider network to VOUTREG to set the output voltage of the
linear regulator.
REGILM (Pin 10): Linear Regulator Controller Current
Limit Setting cum ON/OFF Control. This pin is internally
servoed to 0.8V. An external resistor RREGILM between VCC
and REGILM programs the REGILM pin input current. This
current determines the maximum pass transistor base
current and directly controls the linear regulator current
sourcing capabilitiy. An external capacitor, CDELAY is added
to this pin to control the turn-on time of the linear regula-
tor, the minimum value for this capacitor is 100pF. Refer
to the Linear Regulator Current Limit Programming sec-
tion for more information on choosing RREGILM andCDELAY.
Pulling REGILM to GND turns off the linear regulator. If
both RUN/SS and REGILM are pulled low, the LTC1704
enters shutdown mode.
VCC (Pin 11): Power Supply Input. All internal circuits
except the switcher output drivers are powered from this
pin. VCC should be connected to a low noise 5V supply, and
should be bypassed to GND with at least a 10
µF capacitor
in close proximity to the LTC1704.
PGOOD (Pin 12): Power Good. PGOOD is an open-drain
logic output. PGOOD pulls low if any of the two supply
outputs are outside
±10% of their nominal levels. An
external pull-up resistor is required at PGOOD to allow it
to swing positive.
PGND (Pin 13): Power Ground. The BG driver returns to
this pin. Connect PGND to a high current ground node in
close proximity to the sources of external MOSFET QB,
and the VIN and VOUTSW bypass capacitors.
BG (Pin 14): Switcher Controller Bottom Gate Drive. The
BG pin drives the gate of the bottom N-channel synchro-
nous switch MOSFET, QB. BG is designed to typically drive
up to 10,000pF of gate capacitance.
PVCC(Pin15):SwitcherControllerBottomGateDriverSup-
ply. PVCC provides power to the BG output driver. PVCC
must be connected to a voltage high enough to fully turn
on the external MOSFET, QB. PVCCshouldgenerallybecon-
nected directly to VIN, the main system 5V supply. PVCC
requires at least a 10
µF bypass capacitor directly to PGND.
BOOST (Pin 16): Switcher Controller Top Gate Driver
Supply. The BOOST pin supplies power to the floating TG
driver. Bypass BOOST to SW with a 1
µF capacitor. An
external Schottky diode from VIN to BOOST creates a
complete floating charge-pumped supply at BOOST. No
other external supplies are required.
TEST CIRCUIT
TG
SW
IMAX
RUN/SS
COMP
FB
REGDR
GND
BOOST
PVCC
BG
PGND
PGOOD
VCC
REGILM
REGFB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1704
2000pF
80k
RREGILM
100k
10
µF
5V
IBOOST
+
100pF
1704 TC
IPVCC
IVCC
250k
100
VFB
fOSC
2k
1
µF
2000pF


Similar Part No. - LTC1704EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results

Similar Description - LTC1704EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com