Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HJ4-L-AC100V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HJ4-L-AC100V
Description  Relay for control panel of 2c 7A and 4c 5A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HJ4-L-AC100V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  HJ4-L-AC100V Datasheet HTML 1Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 2Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 3Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 4Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 5Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 6Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 7Page - Panasonic Semiconductor HJ4-L-AC100V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HJ
SAFETY STANDARDS
* CSA standard: Certified by C-UL
File No.
Certification authority: UL/C-UL
File No.
Certification authority: TÜV
2 Form C
E43149*
7A 250V AC, 7A 30V DC
R2024382 (Standard)
R2-50006950, R50049126 (Except standard)
7A 250V AC (cos
φ=1.0), 7A 30V DC (0ms)
Test button type:
10A 250V AC (cos
φ=1.0), 10A 30V DC (0ms)
4 Form C
E43149*
5A 250V AC, 5A 30V DC
R2024382 (Standard)
R50049126 (Except standard)
5A 250V AC (cos
φ=1.0), 5A 30V DC (0ms)
3. Plug-in type with a test button (2 Form C)
External dimensions
Max. 28
Max. 21.5
Max. 36
Max. 38
5.8+
0.4
−0.2
.228+
.016
−.008
0.5
0.5
2.5
12.7
16.8
6.8
6.4
13.2
1.102
.846
1.417
1.496
.020
.020
.098
.500
.661
.268
.252
.520
Schematic (Bottom view)
Standard type
4
8
12
14
1
5
9
13
LED AC type
LED DC type
4
8
12
14
1
5
9
13
4
8
12
1
5
9
14(+)
(–)13
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
4. Plug-in type with a test button (4 Form C)
External dimensions
Max. 28
Max. 21.5
Max. 36
Max. 38
5.8+
0.4
−0.2
.228+
.016
−.008
0.5
0.5
2.5
12.7
16.8
6.8
6.4
13.2
4.4
1.102
.846
1.417
1.496
.020
.020
.098
.500
.661
.268
.252
.520
.173
Schematic (Bottom view)
Standard type
4
8
12
14
13
9
5
1
10
6
2
11
7
3
LED AC type
LED DC type
1234
5678
12
11
10
9
13
14
1234
5678
12
11
10
9
14(+)
(–)13
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
ASCTB6E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HJ4-L-AC100V

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HJ41C HSMC-HJ41C Datasheet
51Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ42C HSMC-HJ42C Datasheet
33Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Hammond Manufacturing L...
HJ443HLP HAMMOND-HJ443HLP Datasheet
77Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ443HLP HAMMOND-HJ443HLP Datasheet
194Kb / 3P
   Bo챤te de jonction en acier doux de types 4 et 12
HJ444HLP HAMMOND-HJ444HLP Datasheet
76Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - HJ4-L-AC100V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Molex Electronics Ltd.
0638160300 MOLEX11-0638160300 Datasheet
37Kb / 1P
   Power Crimp Head For Type 2C & 4C Crimp Tools
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com