Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1102M35Y5UQ6V0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VY1102M35Y5UQ6V0
Description  AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1102M35Y5UQ6V0 Datasheet(HTML) 1 Page - Vishay Siliconix

  VY1102M35Y5UQ6V0 Datasheet HTML 1Page - Vishay Siliconix VY1102M35Y5UQ6V0 Datasheet HTML 2Page - Vishay Siliconix VY1102M35Y5UQ6V0 Datasheet HTML 3Page - Vishay Siliconix VY1102M35Y5UQ6V0 Datasheet HTML 4Page - Vishay Siliconix VY1102M35Y5UQ6V0 Datasheet HTML 5Page - Vishay Siliconix VY1102M35Y5UQ6V0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC Line Rated Disc Capacitors
Class X1, 760 VAC, Class Y1, 500 VAC
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28537
82
Revision: 12-Apr-10
VY1 Series
Vishay BCcomponents
Capacitors with 10 mm lead spacing
OPERATING TEMPERATURE RANGE
- 40 °C to + 125 °C
TEMPERATURE CHARACTERISTICS
See Ordering Information tables
CLIMATIC CATEGORY
40/125/21 according to EN 60068-1
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
ENEC VDE (DE1-32019)
UL 1414 file E183844
CSA 22.2
PACKAGING
Bulk, tape and reel, taped ammopack
FEATURES
• Complying with IEC 60384-14, 3rd edition
• High reliability
• Vertical (inline) kinked or straight leads
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• X1, Y1 according to IEC 60384-14.2
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 10.0 mm. Encapsulation is
made of flammable resistant epoxy resin in accordance with
“UL 94 V-0”.
CAPACITANCE RANGE
10 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14.2:
(X1): 760 VAC, 50 Hz
(Y1): 500 VAC, 50 Hz
250 VAC, 50 Hz/60 Hz, UL 1414 and CSA 22.2
TEST VOLTAGE
Component test (100 %):
4000 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
4000 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
10 000 M
Ω minimum
TOLERANCE OF CAPACITANCE
± 20 % (code M); ± 10 % (code K)
DISSIPATION FACTOR
2.5 % maximum
QUICK REFERENCE DATA
DESCRIPTION
CLASS
X1
(U2J)
CLASS
X1
(Y5S)
CLASS
X1
(Y5U)
CLASS
Y1
(U2J)
CLASS
Y1
(Y5S)
CLASS
Y1
(Y5U)
Voltage (VAC)
760
500 250 500 250 500 250
Min.
Capacitance
(pF)
10
33
470
10
33
470
Max.
Capacitance
(pF)
22
330
4700
22
330
4700
Mounting
Through hole
SH = 4.0 mm max.
L = 30.0 mm
± 5.0 mm
T
D
F
Ø d 0.6 mm
e = 3.0 mm max.


Similar Part No. - VY1102M35Y5UQ6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1102M35Y5UQ6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1471M31Y5UQ63V0 VISHAY-VY1471M31Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com