Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR10-10P-12S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HR10-10P-12S
Description  Push-Pull Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HR10-10P-12S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HR10-10P-12S Datasheet HTML 1Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 2Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 3Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 4Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 5Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 6Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 7Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 8Page - List of Unclassifed Manufacturers HR10-10P-12S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
181
HR10 SeriesPush-Pull Connectors
Plug
Receptacle
Unit : mm
HRS No.
Part No.
No.of pins
A
ØB
ØC
ØD
Weight
110-0021-6-73
HR10-7P-4P(73)
4
28.5
11
7
5.2
8g
110-0022-9-73
HR10-7P-4S(73)
4
28.5
11
7
5.2
8g
110-0023-1-73
HR10-7P-6P(73)
6
28.5
11
7
5.2
8g
110-0024-4-73
HR10-7P-6S(73)
6
28.5
11
7
5.2
8g
110-0025-7-73
HR10-10P-12P(73)
12
32.5
14
9.5
7.2
15g
110-0026-0-73
HR10-10P-12S(73)
12
32.5
14
9.5
7.2
15g
Unit : mm
HRS No.
Part No.
No.of pins
A
ØB
ØC
D
E
Weight
110-0031-0-73
HR10-7R-4S(73)
4
14
11
8.85
M8×0.5
10
3.5g
110-0032-2-73
HR10-7R-4P(73)
4
14
11
8.85
M8×0.5
10
3.5g
110-0033-5-73
HR10-7R-6S(73)
6
14
11
8.85
M8×0.5
10
3.5g
110-0034-8-73
HR10-7R-6P(73)
6
14
11
8.85
M8×0.5
10
3.5g
110-0035-0-73
HR10-10R-12S(73)
12
16
14
11.9
M11×0.75
13
6g
110-0036-3-73
HR10-10R-12P(73)
12
16
14
11.9
M11×0.75
13
6g
Remarks : For mounting holes, see page 198.
HR10 type
HR10-7P-6P(73)
(An example in shape)
(An example in shape)
HR10-10P-12P(73)
HR10-7R-6S(73)
HR10-10R-12S(73)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HR10-10P-12S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR10-10P-12S HIROSE-HR10-10P-12S Datasheet
1Mb / 21P
   High performance miniature circular connectors
More results

Similar Description - HR10-10P-12S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
   PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
   pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
   Push-Pull Connectors
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
   Push-Pull Circular connectors
2018/12
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
   Miniature Push-Pull Circular Connectors
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
   Miniature Push-Pull Circular Connectors
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com