Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T77V1D10-24 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T77V1D10-24
Description  General Purpose Relays PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T77V1D10-24 Datasheet(HTML) 2 Page - Tyco Electronics

  T77V1D10-24 Datasheet HTML 1Page - Tyco Electronics T77V1D10-24 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2011, Rev. 1011
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T77 (Continued)
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
>3.2/6.4mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
3A type: -30°C to +105°C
5A and 10A type: -30°C to +85°C
Category of environmental protection
IEC 61810
RTII - dust protected
RTIII - wash tight
Shock resistance (functional)
10g
Shock resistance (destructive)
100g
Weight
9g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging/unit
Tray/100, carton box/1000
Dimensions
PCB layout
Bottom view on solder pins
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
Terminal assignment
Bottom view on solder pins
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
Product code structure
Typical product code
T77
V
1
D
10
-12
Type
T77
Miniature PCB Relay T77
Category of protection
V
Flux proof
S
Wash tight
Contact arrangement
1
1 Form A, 1NO
Coil input
D
DC coil
Contact rating and coil power
450 mWcoil power
200mW coil power
5
5A type, coil power 450mW
3
3A type, coil power 200mW
10
10A type, coil power 450mW
Coil voltage
Coil code: please refer to coil versions table (e.g. 12 = 12VDC)
Insulation system
Blank UL Class 155 (F)
A
UL Class 120 (E)
Special types
Blank Standard
Product code
Enclosure
Contact rating
Cont.material
Coil voltage
Coil power
Part number
T77S1D3-05
Wash tight
3A
Ag
5VDC
200mW
1-1393194-3
T77V1D3-12
Flux proof
3A
Ag
12VDC
200mW
2-1393194-6
T77S1D3-12
Wash tight
3A
Ag
12VDC
200mW
1-1393194-5
T77V1D3-24
Flux proof
3A
Ag
24VDC
200mW
2-1393194-7
T77S1D3-24
Wash tight
3A
Ag
24VDC
200mW
1-1393194-6
T77V1D10-05
Flux proof
10A
AgCdO
5VDC
450mW
1-1393194-8
T77S1D10-05
Wash tight
10A
AgCdO
5VDC
450mW
1393194-7
T77V1D10-09
Flux proof
10A
AgCdO
9VDC
450mW
1440005-1
T77S1D10-03
Wash tight
10A
AgCdO
3VDC
450mW
1393194-6
T77V1D10-12
Flux proof
10A
AgCdO
12VDC
450mW
1-1393194-9
T77S1D10-12
Wash tight
10A
AgCdO
12VDC
450mW
1393194-9
T77V1D10-24
Flux proof
10A
AgCdO
24VDC
450mW
2-1393194-1
T77S1D10-24
Wash tight
10A
AgCdO
24VDC
450mW
1-1393194-0


Similar Part No. - T77V1D10-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T77V1D10-12 MACOM-T77V1D10-12 Datasheet
401Kb / 2P
   Potter & Brumfield
More results

Similar Description - T77V1D10-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com